Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5450 Datasheet (PDF) - Analog Devices

AD5450 Datasheet PDF - Analog Devices
Part # AD5450
Download  AD5450 Download
File Size   125.84 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface

AD5450 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5450 Datasheet PDF - Analog Devices

Part # AD5450
Download  AD5450 Click to download

File Size   125.84 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface

AD5450 Datasheet (HTML) - Analog Devices


AD5450 Product details

GENERAL DESCRIPTION
The AD5450/AD5451/AD5452/AD54531 are CMOS 8-/10-/12-/14-bit current output digital-to-analog converters (DACs), respecttively. These devices operate from a 2.5 V to 5.5 V power supply, making them suited to several applications including batterypowered applications.

FEATURES
    12 MHz multiplying bandwidth
    Integral nonlinearity (INL) of ±0.25 LSB at 8-bit
    8-lead TSOT and MSOP packages
    2.5 V to 5.5 V supply operation
    Pin-compatible 8-/10-/12-/14-bit current output DACs
    ±10 V reference input
    50 MHz serial interface
    2.7 MSPS update rate
    Extended temperature range: –40°C to +125°C
    4-quadrant multiplication
    Power-on reset with brownout detect
    <0.4 µA typical current consumption
    Guaranteed monotonic
    Qualified for automotive applications

APPLICATIONS
    Portable battery-powered applications
    Waveform generators
    Analog processing
    Instrumentation applications
    Programmable amplifiers and attenuators
    Digitally controlled calibration
    Programmable filters and oscillators
    Composite video
    Ultrasound
    Gain, offset, and voltage trimming
    Qualified for automotive applications




Similar Part No. - AD5450

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5450 AD-AD5450 Datasheet
860Kb / 32P
Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
7/04-Revision 0
AD5450 AD-AD5450 Datasheet
584Kb / 20P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5450 AD-AD5450 Datasheet
753Kb / 25P
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5450 AD-AD5450 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5450 AD-AD5450 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results


Similar Description - AD5450

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5426 AD-AD5426 Datasheet
553Kb / 24P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV.0
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5450 AD-AD5450_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com