Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP714F Datasheet (PDF) - Toshiba Semiconductor

TLP714F Datasheet PDF - Toshiba Semiconductor
Part # TLP714F
Download  TLP714F Download
File Size   374.89 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAAs Infrared LED & Photo IC

TLP714F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP714F Datasheet PDF - Toshiba Semiconductor

Part # TLP714F
Download  TLP714F Click to download

File Size   374.89 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAAs Infrared LED & Photo IC

TLP714F Datasheet (HTML) - Toshiba Semiconductor


TLP714F Product details

General
The TLP714F is a photocoupler in a 6-pin SDIP package that consists of a GaAℓAs infrared light-emitting diode (LED) optically coupled to an integrated high-gain, high-speed photodetector IC chip. It provides guaranteed performance and specifications at temperatures up to 125°C. The TLP714F is physically smaller than the one in an 8-pin DIP package and compliant with international safety standards for reinforced insulation. It thus provides a smaller footprint solution for applications that require safety standard certification. An internal noise shield provides a guaranteed commonmode transient immunity of ±20 kV/µs. The TLP714F guarantees minimum and maximum of propagation delay time, pulse width distortion. Therefore it is suitable for isolation interface between IPM and control IC circuits in motor control application. Leads of the TLP714F is bend to satisfy 8 mm PC board spacing requirements. Absolute maximum ratings and electrical characteristics are the same as in the TLP714.

Features
(1) Inverter logic type (open collector output)
(2) Package: SDIP6
(3) Operating temperature: -40 to 125°C
(4) Supply voltage: -0.5 to 30 V
(5) Threshold input current: 5.0 mA (max)
(6) Supply current: 1.3 mA (max)
(7) Propagation delay time: tpHL = 400 ns (max), tpLH = 550 ns (max)
(8) Pulse width distortion: |tpHL - tpLH| = 400 ns (max)
(9) Common-mode transient immunity: ±20 kV/µs (min)
(10) Isolation voltage: 5000 Vrms (min)
(11) Safety standards
   UL-approved: UL1577, File No.E67349
   cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
   VDE-approved: EN60747-5-5 (Note 1)

Applications
• Intelligent Power Module Signal Isolation
• Factory Automation (FA)
• Industrial Inverters




Similar Part No. - TLP714F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
Inverter logic type (open collector output)
More results


Similar Description - TLP714F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2662 TOSHIBA-TLP2662 Datasheet
445Kb / 16P
Photocouplers GaAAs Infrared LED & Photo IC
TLP2408 TOSHIBA-TLP2408 Datasheet
340Kb / 14P
Photocouplers GaAAs Infrared LED & Photo IC
TLP2962 TOSHIBA-TLP2962 Datasheet
320Kb / 13P
Photocouplers GaAAs Infrared LED & Photo IC
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP5774 TOSHIBA-TLP5774 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-01-29 Rev.6.0
TLP5774H TOSHIBA-TLP5774H Datasheet
985Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLX9310 TOSHIBA-TLX9310 Datasheet
238Kb / 7P
Photocouplers Infrared LED & Photo IC
2019-11-18 Rev.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com