Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCA8046-H Datasheet (PDF) - Toshiba Semiconductor

TPCA8046-H Datasheet PDF - Toshiba Semiconductor
Part # TPCA8046-H
Download  TPCA8046-H Download
File Size   200.08 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)

TPCA8046-H Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCA8046-H Datasheet PDF - Toshiba Semiconductor

Part # TPCA8046-H
Download  TPCA8046-H Click to download

File Size   200.08 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)

TPCA8046-H Datasheet (HTML) - Toshiba Semiconductor


TPCA8046-H Product details

Switching Regulator Applications
Motor Drive Applications
DC-DC Converter Applications

• Small footprint due to a small and thin package
• High-speed switching
• Small gate charge: QSW = 15 nC (typ.)
• Low drain-source ON-resistance: RDS (ON) = 3.5 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 112 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 40 V)
• Enhancement mode: Vth = 1.3 to 2.3 V (VDS = 10 V, ID = 0.5 mA)




Similar Part No. - TPCA8046-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8046-H TOSHIBA-TPCA8046-H Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8046-H VBSEMI-TPCA8046-H Datasheet
1Mb / 7P
N-Channel 40 V (D-S) MOSFET
More results


Similar Description - TPCA8046-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3397 TOSHIBA-2SK3397 Datasheet
96Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
2SK3236 TOSHIBA-2SK3236 Datasheet
228Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
TPCS8201 TOSHIBA-TPCS8201 Datasheet
314Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS )
TPC8216-H TOSHIBA-TPC8216-H Datasheet
213Kb / 7P
Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
208Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
TPC8053-H TOSHIBA-TPC8053-H Datasheet
206Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPCA8030-H TOSHIBA-TPCA8030-H Datasheet
148Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS V-H)
TPCA8053-H TOSHIBA-TPCA8053-H Datasheet
191Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPCA8049-H TOSHIBA-TPCA8049-H Datasheet
204Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
SSM3K333R TOSHIBA-SSM3K333R_14 Datasheet
234Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type (U-MOS VII-H)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com