Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3397 Datasheet (PDF) - Toshiba Semiconductor

2SK3397 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3397
Download  2SK3397 Download
File Size   96.57 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)

2SK3397 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3397 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3397
Download  2SK3397 Click to download

File Size   96.57 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)

2SK3397 Datasheet (HTML) - Toshiba Semiconductor


2SK3397 Product details

Relay Drive and DC-DC Converter Applications
Motor Drive Applications

• Low drain-source ON resistance: RDS (ON) = 4.0 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 110 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 30 V)
• Enhancement mode: Vth = 1.5 to 3.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK3397

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3397 TOSHIBA-2SK3397 Datasheet
214Kb / 6P
Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications
2SK3397 TOSHIBA-2SK3397 Datasheet
210Kb / 6P
Relay Drive and DC-DC Converter Applications
2SK3397 TOSHIBA-2SK3397_06 Datasheet
214Kb / 6P
Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications
2SK3397 TOSHIBA-2SK3397_09 Datasheet
210Kb / 6P
Relay Drive and DC-DC Converter Applications
More results


Similar Description - 2SK3397

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3236 TOSHIBA-2SK3236 Datasheet
228Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
12-Aug-2002
TPC8209 TOSHIBA-TPC8209 Datasheet
312Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS II)
18-Feb-2003
TPCS8201 TOSHIBA-TPCS8201 Datasheet
314Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS )
20-Feb-2003
TPCF8001 TOSHIBA-TPCF8001 Datasheet
242Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCF8201 TOSHIBA-TPCF8201_07 Datasheet
232Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
16-Jan-2007
TPCP8002 TOSHIBA-TPCP8002 Datasheet
228Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
16-Jan-2007
TPCP8401 TOSHIBA-TPCP8401_07 Datasheet
279Kb / 10P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS Ⅲ / π-MOS ??
13-Nov-2006
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
208Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
TPCA8046-H TOSHIBA-TPCA8046-H Datasheet
200Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPC8026 TOSHIBA-TPC8026 Datasheet
207Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
29-Sep-2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com