Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSV4D6CAC1E Datasheet (PDF) - OptoSupply International

OSV4D6CAC1E Datasheet PDF - OptoSupply International
Part # OSV4D6CAC1E
Download  OSV4D6CAC1E Download
File Size   120.15 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 4.5W Star COB Violet LED

OSV4D6CAC1E Datasheet (PDF)

Go To PDF Page Download Datasheet
OSV4D6CAC1E Datasheet PDF - OptoSupply International

Part # OSV4D6CAC1E
Download  OSV4D6CAC1E Click to download

File Size   120.15 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 4.5W Star COB Violet LED

OSV4D6CAC1E Datasheet (HTML) - OptoSupply International




Similar Part No. - OSV4D6CAC1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSV4D6CAC1E OPTOSUPPLY-OSV4D6CAC1E Datasheet
164Kb / 1P
4.5W Star COB Violet LED
More results


Similar Description - OSV4D6CAC1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS4WF3CBC1E OPTOSUPPLY-OS4WF3CBC1E Datasheet
131Kb / 1P
3*1.5W Pure White Star COB LED
OSV5X3CAC1E12V OPTOSUPPLY-OSV5X3CAC1E12V Datasheet
118Kb / 1P
4.5W 12V COB Violet Star LED
OSXXFLLFE1E OPTOSUPPLY-OSXXFLLFE1E Datasheet
93Kb / 1P
High Luminous Efficacy Star MCPCB COB 6W LED
OSV4D6CAC1E OPTOSUPPLY-OSV4D6CAC1E Datasheet
164Kb / 1P
4.5W Star COB Violet LED
OSV5X3CAC1E12V OPTOSUPPLY-OSV5X3CAC1E12V Datasheet
130Kb / 1P
4.5W 12V COB Violet Star LED
OSXXFLLFE1E_VER.A.2 OPTOSUPPLY-OSXXFLLFE1E_VER.A.2 Datasheet
93Kb / 1P
high luminous efficacy star mcpcb cob 6w led
logo
Rohm
LBF6214-10DLXA-6B ROHM-LBF6214-10DLXA-6B Datasheet
152Kb / 6P
LED COB
LBF6222-20DLXA-A ROHM-LBF6222-20DLXA-A Datasheet
216Kb / 6P
LED COB
LBF6222-20DLXA-B ROHM-LBF6222-20DLXA-B Datasheet
257Kb / 6P
LED COB
LBF6224-20DLXA-8B ROHM-LBF6224-20DLXA-8B Datasheet
221Kb / 6P
LED COB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com