Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS4WF3CBC1E Datasheet (PDF) - OptoSupply International

OS4WF3CBC1E Datasheet PDF - OptoSupply International
Part # OS4WF3CBC1E
Download  OS4WF3CBC1E Download
File Size   131.4 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 3*1.5W Pure White Star COB LED

OS4WF3CBC1E Datasheet (PDF)

Go To PDF Page Download Datasheet
OS4WF3CBC1E Datasheet PDF - OptoSupply International

Part # OS4WF3CBC1E
Download  OS4WF3CBC1E Click to download

File Size   131.4 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 3*1.5W Pure White Star COB LED

OS4WF3CBC1E Datasheet (HTML) - OptoSupply International




Similar Part No. - OS4WF3CBC1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS4WF3TEC1E OPTOSUPPLY-OS4WF3TEC1E Datasheet
207Kb / 4P
Tops 6W Pure White Ceramic LED
OS4WF3TEC1EVER.3 OPTOSUPPLY-OS4WF3TEC1EVER.3 Datasheet
207Kb / 4P
Tops 6W Pure White Ceramic LED
More results


Similar Description - OS4WF3CBC1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW4XME3C1E OPTOSUPPLY-OSW4XME3C1E Datasheet
153Kb / 2P
Xeon 3 Power Pure White LED
OSV4D6CAC1E OPTOSUPPLY-OSV4D6CAC1E Datasheet
120Kb / 1P
4.5W Star COB Violet LED
OSW4X5H891E OPTOSUPPLY-OSW4X5H891E Datasheet
541Kb / 3P
Tops 3 1.5W Power Pure Whiite LED
OSW4XNE3E1E OPTOSUPPLY-OSW4XNE3E1E Datasheet
177Kb / 2P
Xeon 3 Power Pure White LED
OSW4XZE3C1E OPTOSUPPLY-OSW4XZE3C1E Datasheet
123Kb / 1P
Xeon 3 Power Pure White LED
OSV4D6CAC1E OPTOSUPPLY-OSV4D6CAC1E Datasheet
164Kb / 1P
4.5W Star COB Violet LED
OSV5X3CAC1E12V OPTOSUPPLY-OSV5X3CAC1E12V Datasheet
130Kb / 1P
4.5W 12V COB Violet Star LED
OSW4X3L6E1E_VER.A.2 OPTOSUPPLY-OSW4X3L6E1E_VER.A.2 Datasheet
315Kb / 2P
d28mm tops 6 power pure white cob led
OSW4XNE3E1E_VER.C.2 OPTOSUPPLY-OSW4XNE3E1E_VER.C.2 Datasheet
177Kb / 2P
Xeon 3 Power Pure white LED
OSW4XZE3C1E_VER.C.2 OPTOSUPPLY-OSW4XZE3C1E_VER.C.2 Datasheet
123Kb / 1P
Xeon 3 Power Pure white LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com