Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSW4X5H891E Datasheet (PDF) - OptoSupply International

OSW4X5H891E Datasheet PDF - OptoSupply International
Part # OSW4X5H891E
Download  OSW4X5H891E Download
File Size   541.22 Kbytes
Page   3 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tops 3 1.5W Power Pure Whiite LED

OSW4X5H891E Datasheet (PDF)

Go To PDF Page Download Datasheet
OSW4X5H891E Datasheet PDF - OptoSupply International

Part # OSW4X5H891E
Download  OSW4X5H891E Click to download

File Size   541.22 Kbytes
Page   3 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tops 3 1.5W Power Pure Whiite LED

OSW4X5H891E Datasheet (HTML) - OptoSupply International




Similar Part No. - OSW4X5H891E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW4X2E5D1E OPTOSUPPLY-OSW4X2E5D1E Datasheet
177Kb / 2P
Xeon 5 Power White LED
OSW4X2E5E1E OPTOSUPPLY-OSW4X2E5E1E Datasheet
172Kb / 2P
Xeon 5 Power White LED
OSW4X3E1E1E OPTOSUPPLY-OSW4X3E1E1E Datasheet
139Kb / 2P
Xeon 1 Power Pure White LED Super Energy Efficiency Highest Luminous Flux
OSW4X3E1E1E_VER.C.2 OPTOSUPPLY-OSW4X3E1E1E_VER.C.2 Datasheet
142Kb / 2P
xeon 1 power pure white led
OSW4X3L6E1E OPTOSUPPLY-OSW4X3L6E1E Datasheet
315Kb / 2P
D28mm Tops 6 Power Pure Whiitte COB LED
More results


Similar Description - OSW4X5H891E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS4WF3CBC1E OPTOSUPPLY-OS4WF3CBC1E Datasheet
131Kb / 1P
3*1.5W Pure White Star COB LED
OS4WML56D1A OPTOSUPPLY-OS4WML56D1A Datasheet
117Kb / 1P
4..8mm Straw Pure Whiite LED
OSM5X5H891E OPTOSUPPLY-OSM5X5H891E Datasheet
541Kb / 3P
Tops 3 1..5W Power Warm Whiite LED
OSM5X9H891E OPTOSUPPLY-OSM5X9H891E Datasheet
540Kb / 3P
Tops 3 3W Power Warm Whiite LED
OSW4HZE3E1E OPTOSUPPLY-OSW4HZE3E1E Datasheet
129Kb / 1P
Xeon Power Pure Whiite HV DC LED 1.5W 50V
OSW4X9H891E OPTOSUPPLY-OSW4X9H891E Datasheet
540Kb / 3P
Tops 3 3W Power Pure Whiite LED
OSW4XNE1E1E OPTOSUPPLY-OSW4XNE1E1E Datasheet
146Kb / 2P
Xeon 1 Power Pure Whiite LED
OSW44LS1C1A-HCRI OPTOSUPPLY-OSW44LS1C1A-HCRI Datasheet
108Kb / 1P
3.5x2.8x1.9mm Pure Whiite SMD LED
OSWWX2E3E1E OPTOSUPPLY-OSWWX2E3E1E Datasheet
168Kb / 2P
Xeon 3 Power Pure Whiite AC LED
OSW4XAHCE1E2 OPTOSUPPLY-OSW4XAHCE1E2 Datasheet
257Kb / 2P
tops 50 power pure white led
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com