Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9786-EB Datasheet (PDF) - Analog Devices

AD9786-EB Datasheet PDF - Analog Devices
Part # AD9786-EB
Download  AD9786-EB Download
File Size   1527.87 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 200 MSPS/500 MSPS TxDAC

AD9786-EB Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9786-EB Datasheet PDF - Analog Devices

Part # AD9786-EB
Download  AD9786-EB Click to download

File Size   1527.87 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 200 MSPS/500 MSPS TxDAC

AD9786-EB Datasheet (HTML) - Analog Devices


AD9786-EB Product details

GENERAL DESCRIPTION
The AD9786 is a 16-bit, high speed, CMOS DAC with 2×/4×/8× interpolation and signal processing features tuned for communications applications. It offers state-of-the-art distortion and noise performance. The AD9786 was developed to meet the demanding performance requirements of multicarrier and third-generation base stations. The selectable interpolation filters simplify interfacing to a variety of input data rates while also taking advantage of oversampling performance gains. The modulation modes allow convenient bandwidth placement and selectable sideband suppression.

FEATURES
   16-bit resolution, 200 MSPS input data rate
   IMD 90 dBc @10 MHz
   Noise spectral density (NSD): −164 dBm/Hz @ 10 MHz
   WCDMA ACLR = 80 dBc @ 40 MHz IF
   DNL = ±0.3 LSB
   INL = ±0.6 LSB
   Selectable 2×/4×/8× interpolation filters
   Selectable fDAC/2, fDAC/4, fDAC/8 modulation modes
   Single- or dual-channel signal processing
   Selectable image rejection Hilbert transform
   Flexible calibration engine
   Direct IF transmission features
   Serial control interface
   Versatile clock and data interface
   3.3 V-compatible digital interface
   On-chip 1.2 V reference
   80-lead, thermally enhanced, TQFP_EP package

APPLICATIONS
   Base stations: multicarrier WCDMA, GSM/EDGE, TD-SCDMA,
      IS136, TETRA
   Instrumentation
      RF signal generators, arbitrary waveform generators
   HDTV transmitters
   Broadband wireless systems
   Digital radio links
   Satellite systems




Similar Part No. - AD9786-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9786 AD-AD9786 Datasheet
1Mb / 60P
16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
7/04-Revision 0
AD9786BSV AD-AD9786BSV Datasheet
1Mb / 60P
16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
7/04-Revision 0
AD9786BSVRL AD-AD9786BSVRL Datasheet
1Mb / 60P
16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
7/04-Revision 0
AD9786 AD-AD9786_15 Datasheet
1Mb / 56P
16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
More results


Similar Description - AD9786-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9786 AD-AD9786 Datasheet
1Mb / 60P
16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
7/04-Revision 0
AD9782 AD-AD9782 Datasheet
1Mb / 52P
12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
AD9784 AD-AD9784 Datasheet
1Mb / 52P
14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
AD9125 AD-AD9125 Datasheet
889Kb / 56P
Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9139 AD-AD9139 Datasheet
1Mb / 56P
16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9709 AD-AD9709_15 Datasheet
597Kb / 32P
8-Bit, 125 MSPS, Dual TxDAC
REV. B
AD9782 AD-AD9782_15 Datasheet
1Mb / 52P
12-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9786 AD-AD9786_15 Datasheet
1Mb / 56P
16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com