Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953YSV Datasheet (PDF) - Analog Devices

AD9953YSV Datasheet PDF - Analog Devices
Part # AD9953YSV
Download  AD9953YSV Download
File Size   574.82 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer

AD9953YSV Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9953YSV Datasheet PDF - Analog Devices

Part # AD9953YSV
Download  AD9953YSV Click to download

File Size   574.82 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer

AD9953YSV Datasheet (HTML) - Analog Devices


AD9953YSV Product details

GENERAL DESCRIPTION
The AD9953 is a direct digital synthesizer (DDS) featuring a 14-bit DAC operating up to 400 MSPS. The AD9953 uses advanced DDS technology, coupled with an internal high speed, high performance DAC to form a digitally programmable, complete high frequency synthesizer capable of generating a frequency-agile analog output sinusoidal waveform at up to 200 MHz. The AD9953 includes an integrated 1024 × 32 static RAM to support flexible frequency sweep capability in several modes. The AD9953 is designed to provide fast frequency hopping and fine tuning resolution (32-bit frequency tuning word). The frequency tuning and control words are loaded into the AD9953 via a serial I/O port.
The AD9953 is specified to operate over the extended industrial temperature range of –40°C to +105°C.

FEATURES
   400 MSPS internal clock speed
   Integrated 14-bit DAC
   32-bit tuning word
   Phase noise ≤ –120 dBc/Hz @ 1 kHz offset (DAC output)
   Excellent dynamic performance
      >80 dB SFDR @ 160 MHz (±100 kHz offset) AOUT
   Serial I/O control
   1.8 V power supply
   Software and hardware controlled power-down
   48-lead TQFP/EP package
   Support for 5 V input levels on most digital inputs
   PLL REFCLK multiplier (4× to 20×)
   Internal oscillator, can be driven by a single crystal
   Phase modulation capability
   Multichip synchronization

APPLICATIONS
   Agile VHF/UHF LO frequency synthesis
   FM chirp source for radar and scanning systems
   Nonlinear-shaped PSK/FSK modulator
   Test and measurement equipment




Similar Part No. - AD9953YSV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9953YSVZ AD-AD9953YSVZ Datasheet
648Kb / 32P
400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
1/2017-Rev. A to Rev. B
AD9953YSVZ-REEL7 AD-AD9953YSVZ-REEL7 Datasheet
648Kb / 32P
400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
1/2017-Rev. A to Rev. B
More results


Similar Description - AD9953YSV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9951 AD-AD9951 Datasheet
825Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9954 AD-AD9954 Datasheet
1Mb / 36P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9859 AD-AD9859 Datasheet
574Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
5/09-Rev. 0 to Rev. A
AD9952 AD-AD9952 Datasheet
731Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951_15 Datasheet
480Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952_15 Datasheet
569Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com