Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuM1250SRZ Datasheet (PDF) - Analog Devices

ADuM1250SRZ Datasheet PDF - Analog Devices
Part # ADuM1250SRZ
Download  ADuM1250SRZ Download
File Size   300.45 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Hot Swappable, Dual I2C Isolators

ADuM1250SRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADuM1250SRZ Datasheet PDF - Analog Devices

Part # ADuM1250SRZ
Download  ADuM1250SRZ Click to download

File Size   300.45 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Hot Swappable, Dual I2C Isolators

ADuM1250SRZ Datasheet (HTML) - Analog Devices


ADuM1250SRZ Product details

GENERAL DESCRIPTION
The ADuM1250/ADuM12511 are hot swappable digital isolators with nonlatching, bidirectional communication channels that are compatible with I2C interfaces. This eliminates the need for splitting I2C signals into separate transmit and receive signals for use with standalone optocouplers.

FEATURES
   Bidirectional I2C communication
   Open-drain interfaces
   Suitable for hot swap applications
   30 mA current sink capability
   1000 kHz operation
   3.0 V to 5.5 V supply/logic levels
   8-lead, RoHS compliant SOIC package
   High temperature operation: 125°C
   Qualified for automotive applications
   Safety and regulatory approvals
      UL recognition
         2500 V rms for 1 minute per UL 1577
      CSA Component Acceptance Notice 5A
      VDE certificate of conformity
         DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
         VIORM = 560 V peak

APPLICATIONS
   Isolated I2C, SMBus, or PMBus interfaces
   Multilevel I2C interfaces
   Power supplies
   Networking
   Power over Ethernet
   Hybrid electric vehicle battery management




Similar Part No. - ADuM1250SRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1250SRZ AD-ADUM1250SRZ Datasheet
261Kb / 16P
Hot Swappable, Dual I2C Isolators
Rev. I
ADUM1250SRZ-RL7 AD-ADUM1250SRZ-RL7 Datasheet
261Kb / 16P
Hot Swappable, Dual I2C Isolators
Rev. I
More results


Similar Description - ADuM1250SRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
Hot Swappable Dual I2C Isolators
10/06-Revision 0
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
logo
Linear Technology
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
Hot Swappable, Dual I2C Isolators
REV. D
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
Hot Swappable, Dual IC Isolators
Rev. G
logo
Linear Technology
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
Hot-Swappable I2C Isolators
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
Hot Swappable, Dual I2C Isolators
Rev. I
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com