Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7660AIBAZA Datasheet (PDF) - Intersil Corporation

ICL7660AIBAZA Datasheet PDF - Intersil Corporation
Part # ICL7660AIBAZA
Download  ICL7660AIBAZA Download
File Size   280.91 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Simple Conversion of 5V Logic Supply to 짹5V Supplies

ICL7660AIBAZA Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7660AIBAZA Datasheet PDF - Intersil Corporation

Part # ICL7660AIBAZA
Download  ICL7660AIBAZA Click to download

File Size   280.91 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Simple Conversion of 5V Logic Supply to 짹5V Supplies

ICL7660AIBAZA Datasheet (HTML) - Intersil Corporation


ICL7660AIBAZA Product details

Super Voltage Converters

The ICL7660S and ICL7660A Super Voltage Converters are monolithic CMOS voltage conversion ICs that guarantee significant performance advantages over other similar devices. They are direct replacements for the industry standard ICL7660 offering an extended operating supply voltage range up to 12V, with lower supply current. A Frequency Boost pin has been incorporated to enable the user to achieve lower output impedance despite using smaller capacitors. All improvements are highlighted in the “Electrical Specifications” section on page 3. Critical parameters are guaranteed over the entire commercial and industrial temperature ranges.

Features
• Guaranteed Lower Max Supply Current for All Temperature Ranges
• Wide Operating Voltage Range: 1.5V to 12V
• 100% Tested at 3V
• Boost Pin (Pin 1) for Higher Switching Frequency
• Guaranteed Minimum Power Efficiency of 96%
• Improved Minimum Open Circuit Voltage Conversion Efficiency of 99%
• Improved SCR Latchup Protection
• Simple Conversion of +5V Logic Supply to ±5V Supplies
• Simple Voltage Multiplication VOUT = (-)nVIN
• Easy to Use; Requires Only Two External Non-Critical Passive Components
• Improved Direct Replacement for Industry Standard ICL7660 and Other Second Source Devices
• Pb-Free Available (RoHS Compliant)

Applications
• Simple Conversion of +5V to ±5V Supplies
• Voltage Multiplication VOUT = ±nVIN
• Negative Supplies for Data Acquisition Systems and Instrumentation
• RS232 Power Supplies
• Supply Splitter, VOUT = ±VS




Similar Part No. - ICL7660AIBAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
370Kb / 13P
Guaranteed Lower Max Supply Current for All Temperature Ranges
January 23, 2013
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
279Kb / 12P
Simple Conversion of 5V Logic Supply to 짹5V Supplies
October 10, 2005
More results


Similar Description - ICL7660AIBAZA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Unisonic Technologies
UTCU584 UTC-UTCU584 Datasheet
686Kb / 6P
3~8 AMP 5V TO 3.3V VOLTAGE CONVERSION REGULATOR
logo
National Semiconductor ...
LM3940 NSC-LM3940_03 Datasheet
367Kb / 11P
1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
Texas Instruments
LM3940 TI1-LM3940 Datasheet
1Mb / 18P
LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
ADS7845 TI-ADS7845 Datasheet
323Kb / 16P
5-WIRE TOUCH SCREEN INTERFACE, RATIOMETRIC CONVERSION, SINGLE SUPPLY:2V to 5V
logo
Intersil Corporation
ICL7660SIBAZ INTERSIL-ICL7660SIBAZ Datasheet
279Kb / 12P
Simple Conversion of 5V Logic Supply to 짹5V Supplies
October 10, 2005
logo
Texas Instruments
LM3940IT-33 TI1-LM3940IT-33 Datasheet
1Mb / 18P
LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Maxim Integrated Produc...
MAX4090EVKIT MAXIM-MAX4090EVKIT Datasheet
86Kb / 6P
Single 2.7V to 5V Supply Operation
Rev 0; 1/09
MAX31865PMB1 MAXIM-MAX31865PMB1 Datasheet
536Kb / 7P
Simple Conversion of Platinum RTD Resistance to Digital Value
19-6909; Rev 0; 1/14
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com