Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4228 Datasheet (PDF) - Renesas Technology Corp

2SC4228 Datasheet PDF - Renesas Technology Corp
Part # 2SC4228
Download  2SC4228 Download
File Size   202.06 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN EPITAXIAL SILICON RF TRANSISTOR

2SC4228 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4228 Datasheet PDF - Renesas Technology Corp

Part # 2SC4228
Download  2SC4228 Click to download

File Size   202.06 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN EPITAXIAL SILICON RF TRANSISTOR

2SC4228 Datasheet (HTML) - Renesas Technology Corp


2SC4228 Product details

DESCRIPTION
The 2SC4228 is a low supply voltage transistor designed for VHF, UHF low noise amplifier.
It is suitable for a high density surface mount assembly since the transistor has been applied 3-pin super minimold package.

FEATURES
• Low noise : NF = 1.9 dB TYP. @ VCE = 3 V, IC = 5 mA, f = 2 GHz
• High gain : |S21e|2 = 7.5 dB TYP. @ VCE = 3 V, IC = 5 mA, f = 2 GHz
• 3-pin super minimold package




Similar Part No. - 2SC4228

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4228 NEC-2SC4228 Datasheet
49Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
California Eastern Labs
2SC4228 CEL-2SC4228 Datasheet
866Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Inchange Semiconductor ...
2SC4228 ISC-2SC4228 Datasheet
304Kb / 2P
isc Silicon NPN RF Transistor
logo
NEC
2SC4228-T1 NEC-2SC4228-T1 Datasheet
49Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4228-T2 NEC-2SC4228-T2 Datasheet
49Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Similar Description - 2SC4228

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4957 RENESAS-2SC4957 Datasheet
189Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5011 RENESAS-2SC5011 Datasheet
190Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5013 RENESAS-2SC5013 Datasheet
190Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5015 RENESAS-2SC5015 Datasheet
182Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Continental Device Indi...
CSC1730 CDIL-CSC1730 Datasheet
184Kb / 3P
NPN SILICON EPITAXIAL RF TRANSISTOR
logo
California Eastern Labs
2SC4093 CEL-2SC4093 Datasheet
571Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR
2SC4227 CEL-2SC4227 Datasheet
846Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5013 CEL-2SC5013 Datasheet
816Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5015 CEL-2SC5015 Datasheet
1Mb / 7P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC3357 RENESAS-2SC3357_15 Datasheet
218Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com