Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4228 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4228
Description  NPN EPITAXIAL SILICON RF TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4228 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4228 Datasheet HTML 1Page - Renesas Technology Corp 2SC4228 Datasheet HTML 2Page - Renesas Technology Corp 2SC4228 Datasheet HTML 3Page - Renesas Technology Corp 2SC4228 Datasheet HTML 4Page - Renesas Technology Corp 2SC4228 Datasheet HTML 5Page - Renesas Technology Corp 2SC4228 Datasheet HTML 6Page - Renesas Technology Corp 2SC4228 Datasheet HTML 7Page - Renesas Technology Corp 2SC4228 Datasheet HTML 8Page - Renesas Technology Corp 2SC4228 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet PU10452EJ01V0DS
2
2SC4228
ELECTRICAL CHARACTERISTICS (TA = +25
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 10 V, IE = 0 mA
−
−
1.0
µA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
−
−
1.0
µA
DC Current Gain
hFE
Note 1
VCE = 3 V, IC = 5 mA
50
100
250
−
RF Characteristics
Gain Bandwidth Product
fT
VCE = 3 V, IC = 5 mA, f = 2 GHz
5.5
8.0
–
GHz
Insertion Power Gain
S21e2 VCE = 3 V, IC = 5 mA, f = 2 GHz
5.5
7.5
−
dB
Noise Figure
NF
VCE = 3 V, IC = 5 mA, f = 2 GHz
−
1.9
3.2
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 3 V, IE = 0 mA, f = 1 MHz
−
0.3
0.7
pF
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
Rank
R43
R44
R45
Marking
R43
R44
R45
hFE Value
50 to 100
80 to 160
125 to 250



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com