Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP650 Datasheet (PDF) - Infineon Technologies AG

BFP650 Datasheet PDF - Infineon Technologies AG
Part # BFP650
Download  BFP650 Download
File Size   1515.15 Kbytes
Page   29 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Linearity Silicon Germanium Bipolar RF Transistor

BFP650 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP650 Datasheet PDF - Infineon Technologies AG

Part # BFP650
Download  BFP650 Click to download

File Size   1515.15 Kbytes
Page   29 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Linearity Silicon Germanium Bipolar RF Transistor

BFP650 Datasheet (HTML) - Infineon Technologies AG


BFP650 Product details

Product Brief
The BFP650 is a high linearity wideband NPN bipolar RF transistor. The device is based on Infineon’s reliable high volume silicon germanium carbon (SiGe:C) heterojunction bipolar technology. The collector design supports voltages up to VCEO = 4 V and currents up to IC = 150 mA. With its high linearity at currents as low as 30 mA the device supports energy efficient designs. The typical transition frequency is approximately 42 GHz, hence the device offers high power gain at frequencies up to 5 GHz in amplifier applications. the device is housed in an easy to use plastic package with visible leads.

Features
• Linear low noise driver amplifier for RF frontends up to 5 GHz
   based on Infineon´s reliable, high volume SiGe:C wafer technology
• Output compression point OP1dB = 17 dBm
   at 70 mA, 3 V, 2.4 GHz, 50 Ω system
• Output 3rd order intermodulation point OIP3 = 30 dBm
   at 70 mA, 3 V, 2.4 GHz, 50 Ω system
• Maximum available gain Gma = 17.5 dB at 70 mA, 3 V, 2.4 GHz
• Minimum noise figure NFmin = 1 dB at 30 mA, 3 V, 2.4 GHz
• Easy to use Pb-free (RoHS compliant) and halogen-free standard
   package with visible leads
• Qualification report according to AEC-Q101 available

Application Examples
   Driver amplifier
   • ISM bands 434 and 868 MHz
   • 1.9 GHz cordless phones
   • CATV LNA
   Transmitter driver amplifier
   • 2.4 GHz WLAN / Bluetooth, 2.4 / 3.5 GHz WiMAX
   Output stage LNA for active antennas
   • TV, GPS, SDARS
   • 2.4 / 5 GHz WLAN
   • 2.4 / 3.5 / 5 GHz WiMAX, etc
   Suitable for 5 - 10.5 GHz oscillators




Similar Part No. - BFP650

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP650 INFINEON-BFP650 Datasheet
209Kb / 7P
NPN Silicon Germanium RF Transistor
Jan-08-2004
BFP650 INFINEON-BFP650 Datasheet
191Kb / 6P
NPN Silicon Germanium RF Transistor
Mar-27-2003
BFP650 INFINEON-BFP650 Datasheet
1Mb / 27P
High Linearity Low Noise SiGe:C NPN RF Transistor
Revision 1.0, 2010-10-22
BFP650E6327 INFINEON-BFP650E6327 Datasheet
191Kb / 6P
NPN Silicon Germanium RF Transistor
Mar-27-2003
BFP650F INFINEON-BFP650F Datasheet
129Kb / 7P
NPN Silicon Germanium RF Transistor
2007-08-09
More results


Similar Description - BFP650

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP450H6327 INFINEON-BFP450H6327 Datasheet
1Mb / 28P
High Linearity Silicon Bipolar RF Transistor
Revision 1.1, 2012-09-11
BFP640 INFINEON-BFP640_15 Datasheet
1Mb / 28P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2015-03-13
BFP640F INFINEON-BFP640F_15 Datasheet
1Mb / 28P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2015-03-13
BFP740 INFINEON-BFP740_15 Datasheet
1Mb / 28P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2015-01-20
BFP740F INFINEON-BFP740F_15 Datasheet
1Mb / 28P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2015-03-12
BFP760 INFINEON-BFP760_15 Datasheet
837Kb / 27P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2013-08-05
BFP720F INFINEON-BFP720F_12 Datasheet
1Mb / 25P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-10-25
BFP720 INFINEON-BFP720_12 Datasheet
1Mb / 25P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-10-19
BFR740L3RH INFINEON-BFR740L3RH_16 Datasheet
1Mb / 29P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.1, 2016-03-16
BFR720L3RH INFINEON-BFR720L3RH_12 Datasheet
1Mb / 28P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2012-09-03
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com