Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFC6602R Datasheet (PDF) - ON Semiconductor

EFC6602R Datasheet PDF - ON Semiconductor
Part # EFC6602R
Download  EFC6602R Download
File Size   323.53 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel Power MOSFET 12V, 18A, 5.9m廓, Dual EFCP

EFC6602R Datasheet (PDF)

Go To PDF Page Download Datasheet
EFC6602R Datasheet PDF - ON Semiconductor

Part # EFC6602R
Download  EFC6602R Click to download

File Size   323.53 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel Power MOSFET 12V, 18A, 5.9m廓, Dual EFCP

EFC6602R Datasheet (HTML) - ON Semiconductor


EFC6602R Product details

N-Channel Power MOSFET 12V, 18A, 5.9mΩ, Dual EFCP



Features

• 2.5V drive

• Common-drain type

• 2KV ESD HBM

• Protection diode in

• Halogen free compliance




Similar Part No. - EFC6602R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EFC6602R SANYO-EFC6602R Datasheet
421Kb / 8P
Lithium-ion battery charging and discharging switch
logo
ON Semiconductor
EFC6602R ONSEMI-EFC6602R Datasheet
755Kb / 6P
Power MOSFET
September 2016 - Rev. 2
EFC6602R-TR ONSEMI-EFC6602R-TR Datasheet
755Kb / 6P
Power MOSFET
September 2016 - Rev. 2
More results


Similar Description - EFC6602R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS9620S FAIRCHILD-FDMS9620S Datasheet
279Kb / 9P
Dual N-Channel PowerTrench짰 MOSFET Q1: 30V, 16A, 21.5m廓 Q2: 30V, 18A, 13m廓
FDMC8296 FAIRCHILD-FDMC8296 Datasheet
296Kb / 7P
N-Channel Power Trench짰 MOSFET 30V, 18A, 8.0m廓
FDP8896 FAIRCHILD-FDP8896_08 Datasheet
474Kb / 10P
N-Channel PowerTrench짰 MOSFET 30V, 92A, 5.9m廓
FDP18N20F FAIRCHILD-FDP18N20F Datasheet
689Kb / 10P
N-Channel MOSFET 200V, 18A, 0.14廓
FDH055N15A FAIRCHILD-FDH055N15A Datasheet
706Kb / 9P
N-Channel PowerTrench짰 MOSFET 150V, 167A, 5.9m
logo
Taiwan Semiconductor Co...
TSM60NB190CI TSC-TSM60NB190CI Datasheet
830Kb / 8P
N-Channel Power MOSFET 600V, 18A, 0.19廓
logo
Will Semiconductor Ltd.
WNMD2174 WILLSEMI-WNMD2174 Datasheet
2Mb / 8P
Dual N-Channel, 12V, 6A, Power MOSFET
WNMD2183 WILLSEMI-WNMD2183 Datasheet
1Mb / 8P
Dual N-Channel, 12V, 14A, Power MOSFET
WNMD2185 WILLSEMI-WNMD2185 Datasheet
983Kb / 8P
Dual N-Channel, 12V, 27A Power MOSFET
logo
First Silicon Co., Ltd
FTK15N12CSDFN FS-FTK15N12CSDFN Datasheet
1Mb / 7P
12V, 5.9m廓, 15A, Dual N-Channel
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com