Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK15N12CSDFN Datasheet (PDF) - First Silicon Co., Ltd

FTK15N12CSDFN Datasheet PDF - First Silicon Co., Ltd
Part # FTK15N12CSDFN
Download  FTK15N12CSDFN Download
File Size   1077.97 Kbytes
Page   7 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 12V, 5.9m廓, 15A, Dual N-Channel

FTK15N12CSDFN Datasheet (PDF)

Go To PDF Page Download Datasheet
FTK15N12CSDFN Datasheet PDF - First Silicon Co., Ltd

Part # FTK15N12CSDFN
Download  FTK15N12CSDFN Click to download

File Size   1077.97 Kbytes
Page   7 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 12V, 5.9m廓, 15A, Dual N-Channel

FTK15N12CSDFN Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - FTK15N12CSDFN

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK15N10D FS-FTK15N10D Datasheet
870Kb / 5P
N-Channel Power MOSFET
More results


Similar Description - FTK15N12CSDFN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP8896 FAIRCHILD-FDP8896 Datasheet
266Kb / 10P
N-Channel PowerTrench MOSFET 30V, 92A, 5.9m?
FDMC8884 FAIRCHILD-FDMC8884 Datasheet
296Kb / 7P
N-Channel Power Trench짰 MOSFET 30V, 15A, 19m廓
FDP8896 FAIRCHILD-FDP8896_08 Datasheet
474Kb / 10P
N-Channel PowerTrench짰 MOSFET 30V, 92A, 5.9m廓
FDMC15N06 FAIRCHILD-FDMC15N06 Datasheet
619Kb / 8P
N-Channel MOSFET 55V, 15A, 0.090廓
FDP15N40 FAIRCHILD-FDP15N40 Datasheet
256Kb / 9P
N-Channel MOSFET 400V, 15A, 0.3廓
FDH055N15A FAIRCHILD-FDH055N15A Datasheet
706Kb / 9P
N-Channel PowerTrench짰 MOSFET 150V, 167A, 5.9m
logo
ON Semiconductor
EFC6602R-TR ONSEMI-EFC6602R-TR Datasheet
323Kb / 8P
N-Channel Power MOSFET 12V, 18A, 5.9m廓, Dual EFCP
July, 2013
logo
MagnaChip Semiconductor...
MDS1101 MGCHIP-MDS1101 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 12V, 15A, 8m(ohm)
logo
Alpha & Omega Semicondu...
AOC3860 AOSMD-AOC3860 Datasheet
350Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
logo
Will Semiconductor Ltd.
WNMD2183 WILLSEMI-WNMD2183 Datasheet
1Mb / 8P
Dual N-Channel, 12V, 14A, Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com