Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK15N12CSDFN Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK15N12CSDFN
Description  12V, 5.9m廓, 15A, Dual N-Channel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK15N12CSDFN Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK15N12CSDFN Datasheet HTML 1Page - First Silicon Co., Ltd FTK15N12CSDFN Datasheet HTML 2Page - First Silicon Co., Ltd FTK15N12CSDFN Datasheet HTML 3Page - First Silicon Co., Ltd FTK15N12CSDFN Datasheet HTML 4Page - First Silicon Co., Ltd FTK15N12CSDFN Datasheet HTML 5Page - First Silicon Co., Ltd FTK15N12CSDFN Datasheet HTML 6Page - First Silicon Co., Ltd FTK15N12CSDFN Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Thermal Resistance Ratings
Parameter
Symbol
Value
Unit
Junction to Ambient (Note 2)
RθJA
83
℃
/W
Note 2 : Surface mounted on ceramic substrate (5000 mm2 ×0.8 mm).
Electrical characteristics at Ta =25℃ (Note 3)
Parameter
Symbol
Test conditions
Min.
Typ.
Max. Units
Source to Source
Breakdown Voltage
V(BR)SSS
IS = 1 mA, VGS = 0 V
(Test Circuit 1)
12
V
Zero-Gate Voltage
Source Current
ISSS
VSS = 10 V, VGS = 0 V
1
A
Gate to Source Leakage
Current
IGSS
VGS = ±8V, VSS = 0 V
(Test Circuit 2)
±1
Gate Threshold Voltage
VGS(th)
VSS = 6 V, IS = 1 mA
(Test Circuit 3)
0.4
1.3
V
Static Source to
Source On-State
Resistance
RSS(on)
I
S = 5 A, VGS = 4.5 V
(Test Circuit 4)
3.1
4.5
5.9
mΩ
I
S = 5 A, VGS = 3.8 V
(Test Circuit 4)
3.5
5.0
6.5
mΩ
IS = 5 A, VGS = 3.1 V
(Test Circuit 4)
4.0
5.8
8.2
mΩ
IS = 5 A, VGS = 2.5 V
(Test Circuit 4)
5.2
7.5
11.0
mΩ
Turn-ON Delay Time
td(on)
VSS = 6 V, VGS = 4.5 V,
I
S = 3 A
(Test Circuit 5)
180
ns
Rise Time
tr
300
ns
Turn-OFF Delay Time
td(off)
1,700
ns
Fall Time
tf
660
ns
Total Gate Charge
Qg
VSS = 6 V, VGS = 4.5V,
I
S = 15 A
(Test Circuit 6)
36
nC
Forward Source to
Source Voltage
VF(S-S) IS=3A, VGS=0
(Test Circuit 7)
0.76
V
Note 3 : Product parametric performance is indicated in the Electrical Characteristics for the listed test
conditions, unless otherwise noted.Product performance may not be indicated by the Electrical
Characteristics if operated under different conditions.
A
2019. 08. 16
2/7
Revision No : 0
FTK15N12CSDFN
(Test Circuit 1)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com