Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK15N12CSDFN Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK15N12CSDFN
Description  12V, 5.9m廓, 15A, Dual N-Channel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK15N12CSDFN Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK15N12CSDFN Datasheet HTML 1Page - First Silicon Co., Ltd FTK15N12CSDFN Datasheet HTML 2Page - First Silicon Co., Ltd FTK15N12CSDFN Datasheet HTML 3Page - First Silicon Co., Ltd FTK15N12CSDFN Datasheet HTML 4Page - First Silicon Co., Ltd FTK15N12CSDFN Datasheet HTML 5Page - First Silicon Co., Ltd FTK15N12CSDFN Datasheet HTML 6Page - First Silicon Co., Ltd FTK15N12CSDFN Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VSSS
RSS(on) Max
IS Max
12 V
5.9 m
Ω @ 4.5 V
15 A
6.5 m
Ω @ 3.8 V
8.2 m
Ω @ 3.1 V
11.0 m
Ω @ 2.5 V
• 2 kV ESD HBM
• Common-Drain Type
• ESD protected gate
• Pb-Free, Halogen Free and RoHS
compliance
CSDFN (Chip scale DFN)
Absolute Maximum Ratings
at Ta=25℃ (Note 1)
Parameter
Symbol
Maximum
Units
Source to Source Voltage
V
SSS
12
V
Gate to Source Voltage
VGSS
8
V
Source Current (DC)
I S
15
A
Source Current (Pulse)
PW≤10μs, duty cycle≤1%
I
S
P
60
A
Total Dissipation (Note 2)
PT
1.5
W
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
55
to +150
℃
Note 1. Stresses exceeding those listed in the Maximum Ratings table may damage the device.
If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
• Lithium ion battery
• RSS(on) Max.= 5.9mΩ(VGS= 4.5V)
Features
Applications
SEMICONDUCTOR
TECHNICAL DATA
FTK15N12CSDFN
2019. 08. 16
1/7
Revision No : 0
2.11(mm)×1.18(mm)×0.50 (mm)
12V, 5.9m
Ω, 15A, Dual N-Channel
Schematic diagram


Similar Part No. - FTK15N12CSDFN

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK15N10D FS-FTK15N10D Datasheet
870Kb / 5P
N-Channel Power MOSFET
More results

Similar Description - FTK15N12CSDFN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP8896 FAIRCHILD-FDP8896 Datasheet
266Kb / 10P
N-Channel PowerTrench MOSFET 30V, 92A, 5.9m?
FDMC8884 FAIRCHILD-FDMC8884 Datasheet
296Kb / 7P
N-Channel Power Trench짰 MOSFET 30V, 15A, 19m廓
FDP8896 FAIRCHILD-FDP8896_08 Datasheet
474Kb / 10P
N-Channel PowerTrench짰 MOSFET 30V, 92A, 5.9m廓
FDMC15N06 FAIRCHILD-FDMC15N06 Datasheet
619Kb / 8P
N-Channel MOSFET 55V, 15A, 0.090廓
FDP15N40 FAIRCHILD-FDP15N40 Datasheet
256Kb / 9P
N-Channel MOSFET 400V, 15A, 0.3廓
FDH055N15A FAIRCHILD-FDH055N15A Datasheet
706Kb / 9P
N-Channel PowerTrench짰 MOSFET 150V, 167A, 5.9m
logo
ON Semiconductor
EFC6602R-TR ONSEMI-EFC6602R-TR Datasheet
323Kb / 8P
N-Channel Power MOSFET 12V, 18A, 5.9m廓, Dual EFCP
July, 2013
logo
MagnaChip Semiconductor...
MDS1101 MGCHIP-MDS1101 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 12V, 15A, 8m(ohm)
logo
Alpha & Omega Semicondu...
AOC3860 AOSMD-AOC3860 Datasheet
350Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
logo
Will Semiconductor Ltd.
WNMD2183 WILLSEMI-WNMD2183 Datasheet
1Mb / 8P
Dual N-Channel, 12V, 14A, Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com