Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet (PDF) - ON Semiconductor

LM2575 Datasheet PDF - ON Semiconductor
Part # LM2575
Download  LM2575 Download
File Size   461.79 Kbytes
Page   28 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.0 A, Adjustable Output Voltage, Step-Down

LM2575 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2575 Datasheet PDF - ON Semiconductor

Part # LM2575
Download  LM2575 Click to download

File Size   461.79 Kbytes
Page   28 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.0 A, Adjustable Output Voltage, Step-Down

LM2575 Datasheet (HTML) - ON Semiconductor


LM2575 Product details

1.0 A, Adjustable Output Voltage, Step−Down Switching Regulator

The LM2575 series of regulators are monolithic integrated circuits ideally suited for easy and convenient design of a step−down switching regulator (buck converter). All circuits of this series are capable of driving a 1.0 A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3 V, 5.0 V, 12 V, 15 V, and an adjustable output version.

Features
• 3.3 V, 5.0 V, 12 V, 15 V, and Adjustable Output Versions
• Adjustable Version Output Voltage Range of 1.23 V to 37 V ±4% Maximum Over Line and Load Conditions
• Guaranteed 1.0 A Output Current
• Wide Input Voltage Range: 4.75 V to 40 V
• Requires Only 4 External Components
• 52 kHz Fixed Frequency Internal Oscillator
• TTL Shutdown Capability, Low Power Standby Mode
• High Efficiency
• Uses Readily Available Standard Inductors
• Thermal Shutdown and Current Limit Protection
• Moisture Sensitivity Level (MSL) Equals 1
• Pb−Free Packages are Available*

Applications
• Simple and High−Efficiency Step−Down (Buck) Regulators
• Efficient Pre−Regulator for Linear Regulators
• On−Card Switching Regulators
• Positive to Negative Converters (Buck−Boost)
• Negative Step−Up Converters
• Power Supply for Battery Chargers




Similar Part No. - LM2575

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575 MOTOROLA-LM2575 Datasheet
382Kb / 28P
EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
logo
Semtech Corporation
LM2575 SEMTECH-LM2575 Datasheet
441Kb / 19P
1A & 3A Miniconverter Switching Regulators
logo
Micrel Semiconductor
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
52kHz Simple 1A Buck Regulator
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Similar Description - LM2575

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575 MOTOROLA-LM2575 Datasheet
382Kb / 28P
EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2595 ONSEMI-LM2595 Datasheet
572Kb / 25P
1.0 A, Step-Down Switching Regulator
February, 2009 ??Rev. 2
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com