Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 7 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LM2575 Datasheet HTML 3Page - ON Semiconductor LM2575 Datasheet HTML 4Page - ON Semiconductor LM2575 Datasheet HTML 5Page - ON Semiconductor LM2575 Datasheet HTML 6Page - ON Semiconductor LM2575 Datasheet HTML 7Page - ON Semiconductor LM2575 Datasheet HTML 8Page - ON Semiconductor LM2575 Datasheet HTML 9Page - ON Semiconductor LM2575 Datasheet HTML 10Page - ON Semiconductor LM2575 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
7
Figure 14. Typical Test Circuit
D1
1N5819
L1
330
mH
Output
2
4
Feedback
Cout
330
mF
/16 V
Cin
100
mF/50 V
LM2575−5
1
5
3ON/OFF
GND
Vin
Load
Vout
Regulated
Output
Vin
Unregulated
DC Input
8.0 V - 40 V
D1
1N5819
L1
330
mH
Output
2
4
Feedback
Cout
330
mF
/16 V
Cin
100
mF/50 V
LM2575
Adjustable
1
5
3ON/OFF
GND
Vin
Load
Vout
Regulated
Output
Unregulated
DC Input
8.0 V - 40 V
5.0 Output Voltage Versions
Adjustable Output Voltage Versions
Vout + Vref 1 )
R2
R1
R2
+ R1
Vout
V
ref
1
Where Vref = 1.23 V, R1
between 1.0 k
W and 5.0 kW
R2
R1
+
-
+
-
PCB LAYOUT GUIDELINES
As in any switching regulator, the layout of the printed
circuit board is very important. Rapidly switching currents
associated with wiring inductance, stray capacitance and
parasitic inductance of the printed circuit board traces can
generate
voltage
transients
which
can
generate
electromagnetic interferences (EMI) and affect the desired
operation. As indicated in the Figure 14, to minimize
inductance and ground loops, the length of the leads
indicated by heavy lines should be kept as short as possible.
For best results, single−point grounding (as indicated) or
ground plane construction should be used.
On the other hand, the PCB area connected to the Pin 2
(emitter of the internal switch) of the LM2575 should be
kept to a minimum in order to minimize coupling to sensitive
circuitry.
Another sensitive part of the circuit is the feedback. It is
important to keep the sensitive feedback wiring short. To
assure this, physically locate the programming resistors near
to the regulator, when using the adjustable version of the
LM2575 regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com