Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 14 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button LM2575 Datasheet HTML 10Page - ON Semiconductor LM2575 Datasheet HTML 11Page - ON Semiconductor LM2575 Datasheet HTML 12Page - ON Semiconductor LM2575 Datasheet HTML 13Page - ON Semiconductor LM2575 Datasheet HTML 14Page - ON Semiconductor LM2575 Datasheet HTML 15Page - ON Semiconductor LM2575 Datasheet HTML 16Page - ON Semiconductor LM2575 Datasheet HTML 17Page - ON Semiconductor LM2575 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
14
Table 1. Inductor Selection Guide
Inductor
Code
Inductor
Value
Pulse Eng
Renco
AIE
Tech 39
L100
100 mH
PE−92108
RL2444
415−0930
77 308 BV
L150
150 mH
PE−53113
RL1954
415−0953
77 358 BV
L220
220 mH
PE−52626
RL1953
415−0922
77 408 BV
L330
330 mH
PE−52627
RL1952
415−0926
77 458 BV
L470
470 mH
PE−53114
RL1951
415−0927
−
L680
680 mH
PE−52629
RL1950
415−0928
77 508 BV
H150
150 mH
PE−53115
RL2445
415−0936
77 368 BV
H220
220 mH
PE−53116
RL2446
430−0636
77 410 BV
H330
330 mH
PE−53117
RL2447
430−0635
77 460 BV
H470
470 mH
PE−53118
RL1961
430−0634
−
H680
680 mH
PE−53119
RL1960
415−0935
77 510 BV
H1000
1000 mH
PE−53120
RL1959
415−0934
77 558 BV
H1500
1500 mH
PE−53121
RL1958
415−0933
−
H2200
2200 mH
PE−53122
RL2448
415−0945
77 610 BV
Table 2. Inductor Selection Guide
Inductance Current
Schott
Renco
Pulse Engineering
Coilcraft
(mH)
(A)
THT
SMT
THT
SMT
THT
SMT
SMT
68
0.32
67143940
67144310
RL−1284−68−43
RL1500−68
PE−53804
PE−53804−S
DO1608−68
0.58
67143990
67144360
RL−5470−6
RL1500−68
PE−53812
PE−53812−S
DO3308−683
0.99
67144070
67144450
RL−5471−5
RL1500−68
PE−53821
PE−53821−S
DO3316−683
1.78
67144140
67144520
RL−5471−5
−
PE−53830
PE−53830−S DO5022P−683
100
0.48
67143980
67144350
RL−5470−5
RL1500−100
PE−53811
PE−53811−S
DO3308−104
0.82
67144060
67144440
RL−5471−4
RL1500−100
PE−53820
PE−53820−S
DO3316−104
1.47
67144130
67144510
RL−5471−4
−
PE−53829
PE−53829−S DO5022P−104
150
0.39
−
67144340
RL−5470−4
RL1500−150
PE−53810
PE−53810−S
DO3308−154
0.66
67144050
67144430
RL−5471−3
RL1500−150
PE−53819
PE−53819−S
DO3316−154
1.20
67144120
67144500
RL−5471−3
−
PE−53828
PE−53828−S DO5022P−154
220
0.32
67143960
67144330
RL−5470−3
RL1500−220
PE−53809
PE−53809−S
DO3308−224
0.55
67144040
67144420
RL−5471−2
RL1500−220
PE−53818
PE−53818−S
DO3316−224
1.00
67144110
67144490
RL−5471−2
−
PE−53827
PE−53827−S DO5022P−224
330
0.42
67144030
67144410
RL−5471−1
RL1500−330
PE−53817
PE−53817−S
DO3316−334
0.80
67144100
67144480
RL−5471−1
−
PE−53826
PE−53826−S DO5022P−334
NOTE: Table 1 and Table 2 of this Indicator Selection Guide shows some examples of different manufacturer products suitable for design
with the LM2575.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com