Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 27 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button LM2575 Datasheet HTML 20Page - ON Semiconductor LM2575 Datasheet HTML 21Page - ON Semiconductor LM2575 Datasheet HTML 22Page - ON Semiconductor LM2575 Datasheet HTML 23Page - ON Semiconductor LM2575 Datasheet HTML 24Page - ON Semiconductor LM2575 Datasheet HTML 25Page - ON Semiconductor LM2575 Datasheet HTML 26Page - ON Semiconductor LM2575 Datasheet HTML 27Page - ON Semiconductor LM2575 Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
27
PACKAGE DIMENSIONS
TO−220
TV SUFFIX
CASE 314B−05
ISSUE L
V
Q
K
F
U
A
B
G
−P−
M
0.10 (0.254)
P M
T
5X
J
M
0.24 (0.610)
T
OPTIONAL
CHAMFER
S
L
W
E
C
H
N
−T− SEATING
PLANE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 0.043 (1.092) MAXIMUM.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.572
0.613
14.529
15.570
B
0.390
0.415
9.906
10.541
C
0.170
0.180
4.318
4.572
D
0.025
0.038
0.635
0.965
E
0.048
0.055
1.219
1.397
F
0.850
0.935
21.590
23.749
G
0.067 BSC
1.702 BSC
H
0.166 BSC
4.216 BSC
J
0.015
0.025
0.381
0.635
K
0.900
1.100
22.860
27.940
L
0.320
0.365
8.128
9.271
N
0.320 BSC
8.128 BSC
Q
0.140
0.153
3.556
3.886
S
---
0.620
---
15.748
U
0.468
0.505
11.888
12.827
V
---
0.735
---
18.669
W
0.090
0.110
2.286
2.794
5X
D
TO−220
T SUFFIX
CASE 314D−04
ISSUE F
−Q−
1234 5
U
K
D
G
A
B1
5 PL
J
H
L
E
C
M
Q
M
0.356 (0.014)
T
SEATING
PLANE
−T−
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.572
0.613
14.529
15.570
B
0.390
0.415
9.906
10.541
C
0.170
0.180
4.318
4.572
D
0.025
0.038
0.635
0.965
E
0.048
0.055
1.219
1.397
G
0.067 BSC
1.702 BSC
H
0.087
0.112
2.210
2.845
J
0.015
0.025
0.381
0.635
K
0.977
1.045
24.810
26.543
L
0.320
0.365
8.128
9.271
Q
0.140
0.153
3.556
3.886
U
0.105
0.117
2.667
2.972
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 10.92 (0.043) MAXIMUM.
B1
0.375
0.415
9.525
10.541
B
DETAIL A-A
B1
B
DETAIL A−A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com