Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9057 Datasheet (PDF) - Analog Devices

AD9057 Datasheet PDF - Analog Devices
Part # AD9057
Download  AD9057 Download
File Size   286.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter

AD9057 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9057 Datasheet PDF - Analog Devices

Part # AD9057
Download  AD9057 Click to download

File Size   286.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter

AD9057 Datasheet (HTML) - Analog Devices


AD9057 Product details

PRODUCT DESCRIPTION

The AD9057 is an 8-bit monolithic analog-to-digital converter optimized for low cost, low power, small size, and ease of use. With 40 MSPS, 60 MSPS, or 80 MSPS encode rate capability and full-power analog bandwidth of 120 MHz, the component is ideal for applications requiring excellent dynamic performance. To minimize system cost and power dissipation, the AD9057 includes an internal 2.5 V reference and a track-and-hold (T/H) circuit. The user must provide only a 5 V power supply and an encode clock. No external reference or driver components are required for many applications.



FEATURES

8-Bit, Low Power ADC: 200 mW Typical

120 MHz Analog Bandwidth

On-Chip 2.5 V Reference and Track-and-Hold

1 V p-p Analog Input Range

Single 5 V Supply Operation

5 V or 3 V Logic Interface

Power-Down Mode: <10 mW

3 Performance Grades (40 MSPS, 60 MSPS, 80 MSPS)



APPLICATIONS

Digital Communications (QAM Demodulators)

RGB and YC/Composite Video Processing

Digital Data Storage Read Channels

Medical Imaging

Digital Instrumentation




Similar Part No. - AD9057

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
AD9057 AD-AD9057 Datasheet
207Kb / 12P
8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
9/01-REV.C
AD9057 AD-AD9057 Datasheet
358Kb / 13P
A/D Converter
REV. D
AD9057-40 AD-AD9057-40 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
AD9057-60 AD-AD9057-60 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
More results


Similar Description - AD9057

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9050 AD-AD9050 Datasheet
151Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV.B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
logo
Intersil Corporation
HI5714 INTERSIL-HI5714 Datasheet
114Kb / 13P
8-Bit, 40/60/75/80 MSPS A/D Converter
January 1998
logo
Analog Devices
AD9057BRS-80 AD-AD9057BRS-80 Datasheet
207Kb / 12P
8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
9/01-REV.C
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
8-Bit, 40/60/75/80 MSPS A/D Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com