Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9203 Datasheet (PDF) - Analog Devices

AD9203 Datasheet PDF - Analog Devices
Part # AD9203
Download  AD9203 Download
File Size   1212.73 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter

AD9203 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9203 Datasheet PDF - Analog Devices

Part # AD9203
Download  AD9203 Click to download

File Size   1212.73 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter

AD9203 Datasheet (HTML) - Analog Devices


AD9203 Product details

GENERAL DESCRIPTION
The AD9203 is a monolithic low power, single supply, 10-bit, 40 MSPS analog-to-digital converter, with an on-chip voltage reference. The AD9203 uses a multistage differential pipeline architecture and guarantees no missing codes over the full operating temperature range. Its input range may be adjusted between 1 V and 2 V p-p.
   
FEATURES
    CMOS 10-Bit, 40 MSPS sampling A/D converter
    Power dissipation: 74 mW (3 V supply, 40 MSPS)
                                  17 mW (3 V supply, 5 MSPS)
    Operation between 2.7 V and 3.6 V supply
    Differential nonlinearity: −0.25 LSB
    Power-down (standby) mode, 0.65 mW
    ENOB: 9.55 @ fIN = 20 MHz
    Out-of-range indicator
    Adjustable on-chip voltage reference
    IF undersampling up to fIN = 130 MHz
    Input range: 1 V to 2 V p-p differential or single-ended
    Adjustable power consumption
    Internal clamp circuit
   
APPLICATIONS
    CCD imaging
    Video
    Portable instrumentation
    IF and baseband communications
    Cable modems
    Medical ultrasound
   




Similar Part No. - AD9203

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9203 AD-AD9203 Datasheet
216Kb / 19P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV.0
AD9203 AD-AD9203 Datasheet
1Mb / 28P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203 Datasheet
1Mb / 28P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203 Datasheet
1Mb / 29P
A/D Converter
Rev. B
AD9203-EB AD-AD9203-EB Datasheet
216Kb / 19P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV.0
More results


Similar Description - AD9203

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9203 AD-AD9203 Datasheet
216Kb / 19P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV.0
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9203W AD-AD9203W Datasheet
134Kb / 8P
10-Bit, 40 MSPS, 3 V, 74 mW Analog-to-Digital Converter
REV. 0
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203_15 Datasheet
1Mb / 28P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com