Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739 Datasheet (PDF) - Analog Devices

AD9739 Datasheet PDF - Analog Devices
Part # AD9739
Download  AD9739 Download
File Size   856.88 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter

AD9739 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9739 Datasheet PDF - Analog Devices

Part # AD9739
Download  AD9739 Click to download

File Size   856.88 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter

AD9739 Datasheet (HTML) - Analog Devices


AD9739 Product details

GENERAL DESCRIPTION
The AD9739 is a 14-bit, 2.5 GSPS high performance RF digital-to-analog converter (DAC) capable of synthesizing wideband signals from dc up to 3.0 GHz. Its DAC core features a quad switch architecture that provides exceptionally low distortion performance with an industry-leading direct RF synthesis capability. This feature enables multicarrier generation up to the Nyquist frequency in baseband mode as well as second and third Nyquist zones in mix mode. The output current can be programmed over the 8.66 mA to 31.66 mA range.

FEATURES
   Direct RF synthesis at 2.5 GSPS update rate
      DC to 1.25 GHz in baseband mode
      1.25 GHz to 3.0 GHz in mix mode
   Industry leading single/multicarrier IF or RF synthesis
      fOUT = 350 MHz, ACLR =80 dBc
      fOUT = 950 MHz, ACLR = 78 dBc
      fOUT = 2100 MHz, ACLR = 69 dBc
   Dual-port LVDS data interface
      Up to 1.25 GSPS operation
      Source synchronous DDR clocking
   Pin-compatible with the AD9739A
   Multichip synchronization capability
   Programmable output current: 8.7 mA to 31.7 mA
   Low power: 1.16 W at 2.5 GSPS

APPLICATIONS
   Broadband communications systems
   Military jammers
   Instrumentation, automatic test equipment
   Radar, avionics




Similar Part No. - AD9739

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
1/2012-Rev. A to Rev. B
AD9739-R2-EBZ AD-AD9739-R2-EBZ Datasheet
1Mb / 50P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
1/2012-Rev. A to Rev. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
AD9739A AD-AD9739A Datasheet
4Mb / 64P
RF Digital-to-Analog Converters
AD9739A-EBZ AD-AD9739A-EBZ Datasheet
2Mb / 64P
11-/14-Bit, 2.5 GSPS
REV. C
More results


Similar Description - AD9739

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9739A AD-AD9739A Datasheet
1Mb / 44P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9119 AD-AD9119 Datasheet
2Mb / 68P
11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9680 AD-AD9680 Datasheet
3Mb / 97P
Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
REV. C
AD9684 AD-AD9684 Datasheet
1Mb / 64P
Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
Rev. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
1/2012-Rev. A to Rev. B
AD9217 AD-AD9217 Datasheet
71Kb / 2P
12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com