Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP08 Datasheet (PDF) - Analog Devices

SMP08 Datasheet PDF - Analog Devices
Part # SMP08
Download  SMP08 Download
File Size   481.21 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal Sample-and-Hold with Multiplexed lnput

SMP08 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP08 Datasheet PDF - Analog Devices

Part # SMP08
Download  SMP08 Click to download

File Size   481.21 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal Sample-and-Hold with Multiplexed lnput

SMP08 Datasheet (HTML) - Analog Devices


SMP08 Product details

GENERAL DESCRIPTION
The SMP08 is a monolithic octal sample-and-hold; it has eight internal buffer amplifiers, input multiplexer, and internal hold capacitors. It is manufactured in an advanced oxide isolated CMOS technology to obtain high accuracy, low droop rate, and fast acquisition time. The SMP08 has a typical linearity error of only 0.01% and can accurately acquire a 10-bit input signal to ±1/2 LSB in less than 7 microseconds. The SMP08’s output swing includes the negative supply in both single and dual supply operation.
   
FEATURES
    Internal Hold Capacitors
    Low Droop Rate
    TTL/CMOS Compatible Logic Inputs
    Single or Dual Supply Operation
    Break-Before-Make Channel Addressing
    Compatible With CD4051 Pinout
    Low Cost
   
APPLICATIONS
    Multiple Path Timing Deskew for ATE
    Memory Programmers
    Mass Flow/Process Control Systems
    Multichannel Data Acquisition Systems
    Robotics and Control Systems
    Medical and Analytical Instrumentation
    Event Analysis
    Stage Lighting Control
   




Similar Part No. - SMP08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SMP08 AD-SMP08 Datasheet
262Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV.D
SMP08 AD-SMP08 Datasheet
481Kb / 8P
Octal Sample and Hold with Multiplexed Input
REV. D
SMP08 AD-SMP08 Datasheet
481Kb / 8P
Octal Sample and Hold with Multiplexed Input
REV. D
logo
Infinite Electronics In...
SMP0820 FAIRVIEW-SMP0820 Datasheet
656Kb / 3P
SMA Variable Phase Shifter with an Adjustable Phase of 60 Deg. Per GHz and from DC to 8.2 GHz
REV 2.3
SMP08618 FAIRVIEW-SMP08618 Datasheet
472Kb / 3P
SMA Adjustable Phase Trimmer With an Adjustable Phase of 3.5 Deg. Per GHz From DC to 18 GHz
REV 1.1
More results


Similar Description - SMP08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SMP08 AD-SMP08 Datasheet
262Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV.D
SMP18 AD-SMP18 Datasheet
269Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV.C
SMP18FPZ AD-SMP18FPZ Datasheet
228Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
Octal Sample and Hold with Multiplexed Input
REV. D
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
Octal Sample and Hold with Multiplexed Input
REV. D
SMP18FS-REEL AD-SMP18FS-REEL Datasheet
272Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP18FSZ AD-SMP18FSZ Datasheet
272Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08 AD-SMP08_15 Datasheet
481Kb / 8P
Octal Sample and Hold with Multiplexed Input
REV. D
SMP18 AD-SMP18_15 Datasheet
272Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV. C
logo
Curtis Electromusic.
CEM5508 CES-CEM5508 Datasheet
74Kb / 3P
OCTAL SAMPLE & HOLD
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com