Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP08 Datasheet(PDF) 5 Page - Analog Devices

Part # SMP08
Description  Octal Sample-and-Hold with Multiplexed lnput
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP08 Datasheet(HTML) 5 Page - Analog Devices

  SMP08 Datasheet HTML 1Page - Analog Devices SMP08 Datasheet HTML 2Page - Analog Devices SMP08 Datasheet HTML 3Page - Analog Devices SMP08 Datasheet HTML 4Page - Analog Devices SMP08 Datasheet HTML 5Page - Analog Devices SMP08 Datasheet HTML 6Page - Analog Devices SMP08 Datasheet HTML 7Page - Analog Devices SMP08 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TEMPERATURE –
°C
0
–8
–55 –35
125
–15
5
25
65
85
105
45
–1
–4
–5
–6
–7
–2
–3
VDD = +12V
VSS = 0V
VIN = +5V
RL = 10kΩ
Figure 10. Offset Voltage vs.
Temperature
VDD – Volts
14
2
46
18
8
10121416
12
10
8
6
4
VSS = 0V
NO LOAD
+85
°C
+25
°C
–40
°C
Figure 11. Supply Current vs. VDD
FREQUENCY – Hz
90
80
0
10
100
1M
1k
10k
100k
70
60
20
50
40
30
10
VDD = +12V
VSS = 0V
VIN = +6V
TA = +25°C
NO LOAD
+PSRR
–PSRR
Figure 12. Sample Mode Power
Supply Rejection
Typical Performance Characteristics–SMP08
REV. D
–5–
FREQUENCY – Hz
2
1
–5
100
1k
10M
10k
100k
1M
0
–1
–2
–3
–4
90
45
–225
0
–45
–90
–135
–180
VDD = +12V
VSS = 0V
TA = +25°C
NO LOAD
GAIN
PHASE
Figure 13. Gain, Phase Shift vs.
Frequency
FREQUENCY – Hz
15
12
0
10k
100k
10M
1M
9
6
3
VDD = +6V
VSS = –6V
TA = +25°C
NO LOAD
Figure 15. Maximum Output Voltage
vs. Frequency
FREQUENCY – Hz
35
30
0
10
100
1M
1k
10k
100k
25
20
15
10
5
VDD = +12V
VSS = 0V
TA = +25°C
NO LOAD
Figure 14. Output Impedance vs.
Frequency
FREQUENCY – Hz
60
50
–10
10
100
1M
1k
10k
100k
40
30
20
10
0
VDD = +12V
VSS = 0V
TA = +25°C
NO LOAD
+PSRR
HOLD CAPACITORS
REFERENCED TO VSS
–PSRR
Figure 16. Hold Mode Power Supply
Rejection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com