Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1865N Datasheet (PDF) - Analog Devices

AD1865N Datasheet PDF - Analog Devices
Part # AD1865N
Download  AD1865N Download
File Size   693.35 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete Dual 18-Bit 16 x FS Audio DAC

AD1865N Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1865N Datasheet PDF - Analog Devices

Part # AD1865N
Download  AD1865N Click to download

File Size   693.35 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete Dual 18-Bit 16 x FS Audio DAC

AD1865N Datasheet (HTML) - Analog Devices


AD1865N Product details

PRODUCT DESCRIPTION

The AD1865 is a complete, dual 18-bit DAC offering excellent THD+N and SNR while requiring no external components. Two complete signal channels are included. This results in cophased voltage or current output signals and eliminates the need for output demultiplexing circuitry. The monolithic AD1865 chip includes CMOS logic elements, bipolar and MOS linear elements and laser-trimmed thin-film resistor elements, all fabricated on Analog Devices’ ABCMOS process.



FEATURES

 Dual Serial Input, Voltage Output DACs

 No External Components Required

 110 dB SNR

 0.003% THD+N

 Operates at 16 3 Oversampling per Channel

 65 Volt Operation

 Cophased Outputs

 116 dB Channel Separation

 Pin Compatible with AD1864

 DIP or SOIC Packaging



APPLICATIONS

  Multichannel Audio Applications

  Compact Disc Players

  Multivoice Keyboard Instruments

  DAT Players and Recorders

  Digital Mixing Consoles

  Multimedia Workstations



 




Similar Part No. - AD1865N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1865N AD-AD1865N Datasheet
149Kb / 12P
Complete Dual 18-Bit 16 x Fs Audio DAC
AD1865N-J AD-AD1865N-J Datasheet
149Kb / 12P
Complete Dual 18-Bit 16 x Fs Audio DAC
More results


Similar Description - AD1865N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1851 AD-AD1851 Datasheet
197Kb / 12P
16-Bit/18-Bit, 16 X Fs PCM Audio DACs
AD1864 AD-AD1864 Datasheet
302Kb / 12P
Complete Dual 18-Bit Audio DAC
AD1865 AD-AD1865 Datasheet
149Kb / 12P
Complete Dual 18-Bit 16 x Fs Audio DAC
AD1851RZ-J AD-AD1851RZ-J Datasheet
200Kb / 12P
16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851RZ-REEL7 AD-AD1851RZ-REEL7 Datasheet
127Kb / 12P
16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
logo
API Technologies Corp
DAC9377 APITECH-DAC9377 Datasheet
2Mb / 3P
Complete Buffered 16-Bit DAC
logo
Analog Devices
AD1851RZ AD-AD1851RZ Datasheet
200Kb / 12P
16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
Complete Dual 18-Bit 16FS Audio DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com