Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5162BRM50 Datasheet (PDF) - Analog Devices

AD5162BRM50 Datasheet PDF - Analog Devices
Part # AD5162BRM50
Download  AD5162BRM50 Download
File Size   830.74 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 256-Position, SPI Digital Potentiometer

AD5162BRM50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5162BRM50 Datasheet PDF - Analog Devices

Part # AD5162BRM50
Download  AD5162BRM50 Click to download

File Size   830.74 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 256-Position, SPI Digital Potentiometer

AD5162BRM50 Datasheet (HTML) - Analog Devices


AD5162BRM50 Product details

GENERAL DESCRIPTION
The AD5162 provides a compact 3 mm × 4.9 mm packaged solution for dual, 256-position adjustment applications. This device performs the same electronic adjustment function as a 3-terminal mechanical potentiometer. Available in four end-toend resistance values (2.5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ), this low temperature coefficient device is ideal for high accuracy and stability-variable resistance adjustments. The wiper settings are controllable through an SPI digital interface. The resistance between the wiper and either endpoint of the fixed resistor varies linearly with respect to the digital code transferred into the RDAC latch.1

FEATURES
    2-channel, 256-position potentiometer
    End-to-end resistance: 2.5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ
    Compact 10-lead MSOP (3 mm × 4.9 mm) package
    Fast settling time: tS = 5 µs typical on power-up
    Full read/write of wiper register
    Power-on preset to midscale
    Computer software replaces microcontroller in factory
        programming applications
    Single supply: 2.7 V to 5.5 V
    Low temperature coefficient: 35 ppm/°C
    Low power: IDD = 6 µA maximum
    Wide operating temperature: −40°C to +125°C
    Evaluation board available
    Qualified for automotive applications

APPLICATIONS
    Systems calibrations
    Electronics level settings
    Mechanical trimmers replacement in new designs
    Permanent factory PCB setting
    Transducer adjustment of pressure, temperature, position,
        chemical, and optical sensors
    RF amplifier biasing
    Automotive electronics adjustment
    Gain control and offset adjustment




Similar Part No. - AD5162BRM50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5162BRM50 AD-AD5162BRM50 Datasheet
960Kb / 20P
Dual 256-Position SPI Digital Potentiometer
AD5162BRM50-RL7 AD-AD5162BRM50-RL7 Datasheet
960Kb / 20P
Dual 256-Position SPI Digital Potentiometer
More results


Similar Description - AD5162BRM50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5160 AD-AD5160 Datasheet
847Kb / 16P
256-Position SPI Compatible Digital Potentiometer
AD5162 AD-AD5162 Datasheet
960Kb / 20P
Dual 256-Position SPI Digital Potentiometer
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com