Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7393ARZ Datasheet (PDF) - Analog Devices

AD7393ARZ Datasheet PDF - Analog Devices
Part # AD7393ARZ
Download  AD7393ARZ Download
File Size   458.48 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V, Parallel Input Micropower 10-/12-Bit DACs

AD7393ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7393ARZ Datasheet PDF - Analog Devices

Part # AD7393ARZ
Download  AD7393ARZ Click to download

File Size   458.48 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V, Parallel Input Micropower 10-/12-Bit DACs

AD7393ARZ Datasheet (HTML) - Analog Devices


AD7393ARZ Product details

GENERAL DESCRIPTION
The AD7392/AD7393 comprise a set of pin-compatible 10-/12-bit voltage output, digital-to-analog converters. The parts are designed to operate from a single 3 V supply. Built using a CBCMOS process, these monolithic DACs offer low cost and ease of use in single-supply 3 V systems. Operation is guaranteed over the supply voltage range of 2.7 V to 5.5 V, making this device ideal for battery-operated applications.

FEATURES
  Micropower: 100 μA
  0.1 μA typical power shutdown
  Single-supply 2.7 V to 5.5 V operation
  AD7392: 12-bit resolution
  AD7393: 10-bit resolution
  0.9 LSB differential nonlinearity error

APPLICATIONS
  Automotive 0.5 V to 4.5 V output span voltage
  Portable communications
  Digitally controlled calibration
  PC peripherals




Similar Part No. - AD7393ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7393AR AD-AD7393AR Datasheet
199Kb / 11P
3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV.A
AD7393ARU AD-AD7393ARU Datasheet
199Kb / 11P
3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV.A
More results


Similar Description - AD7393ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7392 AD-AD7392 Datasheet
199Kb / 11P
3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV.A
AD7396 AD-AD7396 Datasheet
226Kb / 12P
3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV.0
AD7390 AD-AD7390 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7397ARUZ AD-AD7397ARUZ Datasheet
216Kb / 12P
3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7396 AD-AD7396_15 Datasheet
229Kb / 12P
3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7397 AD-AD7397_15 Datasheet
229Kb / 12P
3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com