Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9708ARU Datasheet (PDF) - Analog Devices

AD9708ARU Datasheet PDF - Analog Devices
Part # AD9708ARU
Download  AD9708ARU Download
File Size   249.23 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, 100 MSPS TxDAC D/A Converter

AD9708ARU Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9708ARU Datasheet PDF - Analog Devices

Part # AD9708ARU
Download  AD9708ARU Click to download

File Size   249.23 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, 100 MSPS TxDAC D/A Converter

AD9708ARU Datasheet (HTML) - Analog Devices


AD9708ARU Product details

PRODUCT DESCRIPTION
The AD9708 is the 8-bit resolution member of the TxDAC series of high performance, low power CMOS digital-to-analog converters (DACs). The TxDAC family, which consists of pin compatible 8-, 10-, 12-, and 14-bit DACs, was specifically optimized for the transmit signal path of communication systems. All of the devices share the same interface options, small outline package and pinout, thus providing an upward or downward component selection path based on performance, resolution and cost. The AD9708 offers exceptional ac and dc performance while supporting update rates up to 125 MSPS.
   
FEATURES
    Member of Pin-Compatible TxDAC Product Family
    125 MSPS Update Rate
    8-Bit Resolution
    Linearity: 1/4 LSB DNL
                    1/4 LSB INL
    Differential Current Outputs
    SINAD @ 5 MHz Output: 50 dB
    Power Dissipation: 175 mW @ 5 V to 45 mW @ 3 V
    Power-Down Mode: 20 mW @ 5 V
    On-Chip 1.20 V Reference
    Single +5 V or +3 V Supply Operation
    Packages: 28-Lead SOIC and 28-Lead TSSOP
    Edge-Triggered Latches
    Fast Settling: 35 ns Full-Scale Settling to 0.1%
   
APPLICATIONS
    Communications
    Signal Reconstruction
    Instrumentation
   




Similar Part No. - AD9708ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9708ARU AD-AD9708ARU Datasheet
246Kb / 16P
8-Bit, 100 MSPS TxDAC D/A Converter
REV.B
AD9708ARUZ AD-AD9708ARUZ Datasheet
249Kb / 16P
8-Bit, 100 MSPS TxDAC짰 D/A Converter
REV. B
More results


Similar Description - AD9708ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9708 AD-AD9708 Datasheet
246Kb / 16P
8-Bit, 100 MSPS TxDAC D/A Converter
REV.B
AD9709 AD-AD9709 Datasheet
466Kb / 27P
8-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
10-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9762 AD-AD9762 Datasheet
414Kb / 23P
12-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9748 AD-AD9748 Datasheet
221Kb / 7P
8-Bit, 165 MSPS TxDAC D/A Converter
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9708ARRL AD-AD9708ARRL Datasheet
249Kb / 16P
8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com