Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9139BCPZ Datasheet (PDF) - Analog Devices

AD9139BCPZ Datasheet PDF - Analog Devices
Part # AD9139BCPZ
Download  AD9139BCPZ Download
File Size   1156.35 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter

AD9139BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9139BCPZ Datasheet PDF - Analog Devices

Part # AD9139BCPZ
Download  AD9139BCPZ Click to download

File Size   1156.35 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter

AD9139BCPZ Datasheet (HTML) - Analog Devices


AD9139BCPZ Product details

GENERAL DESCRIPTION
The AD9139 is an 16-bit, high dynamic range digital-to-analog converter (DAC) that provides a sample rate of 1600 MSPS, permitting a multicarrier generation up to the Nyquist frequency.

FEATURES
   Selectable 1× or 2× interpolation filter
      Support input signal bandwidth up to 575 MHz
   Very small inherent latency variation: <2 DAC clock cycles
   Proprietary low spurious and distortion design
      6-carrier GSM ACLR = 79 dBc at 200 MHz IF
      SFDR >85 dBc (bandwidth = 300 MHz) at zero IF
   Flexible 16-bit LVDS interface
      Supports word and byte load
   Multiple chip synchronization
      Fixed latency and data generator latency compensation
   FIFO eases system timing and includes error detection
   High performance, low noise PLL clock multiplier
   Digital inverse sinc filter
   Low power: 700 mW at 1230 MSPS
   72-lead LFCSP

APPLICATIONS
   Wireless communications: 3G/4G and MC-GSM base stations,
      wideband repeaters, software defined radios
   Wideband communications: point-to-point, LMDS/MMDS
   Transmit diversity/MIMO
   Instrumentation
   Automated test equipment




Similar Part No. - AD9139BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9139BCPZ AD-AD9139BCPZ Datasheet
1,018Kb / 56P
TxDAC Digital-to- Analog Converter
3/14-Rev. 0 to Rev. A
AD9139BCPZRL AD-AD9139BCPZRL Datasheet
1,018Kb / 56P
TxDAC Digital-to- Analog Converter
3/14-Rev. 0 to Rev. A
More results


Similar Description - AD9139BCPZ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
1Mb / 56P
Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9148 AD-AD9148 Datasheet
851Kb / 73P
Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
AD9125 AD-AD9125 Datasheet
889Kb / 56P
Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9142 AD-AD9142 Datasheet
1Mb / 65P
Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
TxDAC Digital-to- Analog Converter
3/14-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com