Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3330ART-3 Datasheet (PDF) - Analog Devices

ADP3330ART-3 Datasheet PDF - Analog Devices
Part # ADP3330ART-3
Download  ADP3330ART-3 Download
File Size   127.05 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator

ADP3330ART-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3330ART-3 Datasheet PDF - Analog Devices

Part # ADP3330ART-3
Download  ADP3330ART-3 Click to download

File Size   127.05 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator

ADP3330ART-3 Datasheet (HTML) - Analog Devices


ADP3330ART-3 Product details

GENERAL DESCRIPTION
The ADP3330 is a member of the Analog Devices, Inc., precision low dropout (LDO) anyCAP® voltage regulator family of products. The ADP3330 operates with an input voltage range of 2.9 V to 12 V and delivers a load current up to 200 mA. The ADP3330 stands out from the conventional LDOs with a novel architecture and an enhanced process that enables it to offer performance advantages and higher output current than its competition. Its patented design requires only a minimum output capacitor of 0.47 µF for stability. This device is insensitive to output capacitor equivalent series resistance (ESR), and is stable with any good quality capacitor, including ceramic (MLCC) types for space restricted applications.

FEATURES
   High accuracy over line and load
      ±0.7% at +25°C
      ±1.4% over temperature
   Ultralow dropout voltage: 140 mV (typical) at 200 mA
   Requires only COUT= 0.47 μF for stability
   anyCAP = stable with any type of capacitor, including
      multilayer ceramic capacitors (MLCC)
   Current and thermal limiting
   Low noise
   Low shutdown current: <2 µA
   2.9 V to 12 V supply range
   –40°C to +85°C ambient temperature range
   Ultrasmall, thermally enhanced, chip-on-lead™ 6-lead SOT-23
      package

APPLICATIONS
   Cell phones
   Notebook and palmtop computers
   Battery-powered systems
   PCMCIA regulators
   Bar code scanners
   Camcorders and cameras




Similar Part No. - ADP3330ART-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3330ART-3 AD-ADP3330ART-3 Datasheet
137Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV.A
ADP3330ART-3 AD-ADP3330ART-3 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-3 AD-ADP3330ART-3 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-3 AD-ADP3330ART-3 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-3.3 AD-ADP3330ART-3.3 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
More results


Similar Description - ADP3330ART-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3330 AD-ADP3330 Datasheet
137Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV.A
ADP3331 AD-ADP3331 Datasheet
135Kb / 8P
Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV.0
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV.0
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3330ART-3.6 AD-ADP3330ART-3.6 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3330ART-33-RL7 AD-ADP3330ART-33-RL7 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ARTZ-5-RL7 AD-ADP3330ARTZ-5-RL7 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com