Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151AUJZ-1.8-R7 Datasheet (PDF) - Analog Devices

ADP151AUJZ-1.8-R7 Datasheet PDF - Analog Devices
Part # ADP151AUJZ-1.8-R7
Download  ADP151AUJZ-1.8-R7 Download
File Size   561.36 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Noise, 200 mA, CMOS Linear Regulator

ADP151AUJZ-1.8-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP151AUJZ-1.8-R7 Datasheet PDF - Analog Devices

Part # ADP151AUJZ-1.8-R7
Download  ADP151AUJZ-1.8-R7 Click to download

File Size   561.36 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Noise, 200 mA, CMOS Linear Regulator

ADP151AUJZ-1.8-R7 Datasheet (HTML) - Analog Devices


ADP151AUJZ-1.8-R7 Product details

GENERAL DESCRIPTION
The ADP151 is an ultralow noise, low dropout linear regulator that operates from 2.2 V to 5.5 V and provides up to 200 mA of output current. The low 140 mV dropout voltage at 200 mA load improves efficiency and allows operation over a wide input voltage range.

FEATURES
    Ultralow noise: 9 µV rms
    No noise bypass capacitor required
    Stable with 1 µF ceramic input and output capacitors
    Maximum output current: 200 mA
    Input voltage range: 2.2 V to 5.5 V
    Low quiescent current IGND = 10 µA with 0 load IGND = 265 μA with 200 mA load
    Low shutdown current: <1 µA
    Low dropout voltage: 140 mV at 200 mA load
    Initial accuracy: ±1%
    Accuracy over line, load, and temperature: ±2.5%
    16 fixed output voltage options: 1.1 V to 3.3 V
    PSRR performance of 70 dB at 10 kHz
    Current-limit and thermal overload protection
    Logic controlled enable
    Internal pull-down resistor on EN input
    5-lead TSOT package
    6-lead LFCSP package
    4-ball, 0.4 mm pitch WLCSP

APPLICATIONS
    RF, VCO, and PLL power supplies
    Mobile phones
    Digital camera and audio devices
    Portable and battery-powered equipment
    Post dc-to-dc regulation
    Portable medical devices




Similar Part No. - ADP151AUJZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP151AUJZ-1.8-R7 AD-ADP151AUJZ-1.8-R7 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP151AUJZ-1.8-R7 AD-ADP151AUJZ-1.8-R7 Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
More results


Similar Description - ADP151AUJZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150 AD-ADP150 Datasheet
620Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP151 AD-ADP151 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
Ultralow Noise, 200 mA Linear Regulator
REV. 0
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
Ultralow-Noise, 250-mA Linear Regulator
logo
Analog Devices
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
9/2020-Rev. E to Rev. F
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7142 AD-ADP7142 Datasheet
1Mb / 23P
40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. H
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com