Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8512EP Datasheet (PDF) - Analog Devices

DAC8512EP Datasheet PDF - Analog Devices
Part # DAC8512EP
Download  DAC8512EP Download
File Size   517.89 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, Serial Input Complete 12-Bit DAC

DAC8512EP Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8512EP Datasheet PDF - Analog Devices

Part # DAC8512EP
Download  DAC8512EP Click to download

File Size   517.89 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, Serial Input Complete 12-Bit DAC

DAC8512EP Datasheet (HTML) - Analog Devices


DAC8512EP Product details

GENERAL DESCRIPTION
The DAC8512 is a complete serial input, 12-bit, voltage output digital-to-analog converter designed to operate from a single +5 V supply. It contains the DAC, input shift register and latches, reference and a rail-to-rail output amplifier. Built using a CBCMOS process, these monolithic DACs offer the user low cost, and ease of use in +5 V only systems.

FEATURES
      Space Saving SO-8 or Mini-DIP Packages
      Complete, Voltage Output with Internal Reference
      1 mV/Bit with 4.095 V Full Scale
      Single +5 Volt Operation
      No External Components
      3-Wire Serial Data Interface, 20 MHz Data Loading Rate
      Low Power: 2.5 mW

APPLICATIONS
   Portable Instrumentation
   Digitally Controlled Calibration
   Servo Controls
   Process Control Equipment
   PC Peripherals




Similar Part No. - DAC8512EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8512EP AD-DAC8512EP Datasheet
757Kb / 20P
% V, Serial Input Complete 12-Bit DAC
REV.A
DAC8512EP AD-DAC8512EP Datasheet
760Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
More results


Similar Description - DAC8512EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8300 AD-AD8300 Datasheet
245Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV.A
AD8303 AD-AD8303 Datasheet
414Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV.0
DAC8512 AD-DAC8512 Datasheet
757Kb / 20P
% V, Serial Input Complete 12-Bit DAC
REV.A
DAC8562 AD-DAC8562 Datasheet
636Kb / 16P
5 Volt, Parallel Input Complete 12-Bit DAC
REV.A
DAC8512FSZ AD-DAC8512FSZ Datasheet
760Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
AD8303ARZ AD-AD8303ARZ Datasheet
335Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
DAC8562FSZ AD-DAC8562FSZ Datasheet
639Kb / 16P
5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
AD8300 AD-AD8300_15 Datasheet
244Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV. A
AD8303 AD-AD8303_15 Datasheet
847Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
DAC8512 AD-DAC8512_15 Datasheet
760Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com