Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4446 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4446 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4446
Download  AO4446 Download
File Size   1703.79 Kbytes
Page   4 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V N-Channel MOSFET

AO4446 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4446 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4446
Download  AO4446 Click to download

File Size   1703.79 Kbytes
Page   4 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V N-Channel MOSFET

AO4446 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4446 Product details

General Description
The AO4446 uses advanced trench technology to provide excellent RDS(ON), low gate charge and low gate resistance. This device is ideally suited for use in PWM applications.

Product Summary
   VDS (V) = 30V
   ID = 15A (VGS = 10V)
   RDS(ON) < 8.5mΩ (VGS = 10V)
   RDS(ON) < 14.5mΩ (VGS = 4.5V)
  
   100% UIS Tested
   100% Rg Tested




Similar Part No. - AO4446

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4446 AOSMD-AO4446 Datasheet
112Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
AO4446 AOSMD-AO4446 Datasheet
171Kb / 4P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4446 KEXIN-AO4446 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4446 VBSEMI-AO4446 Datasheet
1,006Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4446-HF KEXIN-AO4446-HF Datasheet
1Mb / 4P
N-Channel MOSFET
More results


Similar Description - AO4446

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com