Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4450 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4450 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4450
Download  AO4450 Download
File Size   2184.52 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 40V N-Channel MOSFET

AO4450 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4450 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4450
Download  AO4450 Click to download

File Size   2184.52 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 40V N-Channel MOSFET

AO4450 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4450 Product details

General Description
The AO4450 uses advanced trench technology MOSFETs to provide excellent RDS(ON) and low gate charge. This device is suitable for use as a load switch or in PWM applications.
   
Product Summary
    VDS                                        40V
    ID (at VGS=10V)                      7A
    RDS(ON) (at VGS=10V)  < 30mΩ
    RDS(ON) (at VGS=4.5V) < 38mΩ

    100% UIS Tested
    100% Rg Tested
   




Similar Part No. - AO4450

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4450 AOSMD-AO4450 Datasheet
111Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
AO4450 AOSMD-AO4450 Datasheet
314Kb / 5P
40V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4450 KEXIN-AO4450 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4450 VBSEMI-AO4450 Datasheet
1Mb / 9P
N-Channel 40-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4450 DOINGTER-AO4450 Datasheet
613Kb / 4P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - AO4450

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
40V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com