Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4466 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4466 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4466
Download  AO4466 Download
File Size   2586.48 Kbytes
Page   6 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V N-Channel MOSFET

AO4466 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4466 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4466
Download  AO4466 Click to download

File Size   2586.48 Kbytes
Page   6 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V N-Channel MOSFET

AO4466 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4466 Product details

General Description
The AO4466 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This device is suitable for use as a load switch or in PWM applications. The source leads are separated to allow a Kelvin connection to the source, which may be used to bypass the source inductance.

* RoHS and Halogen-Free Compliant

Product Summary
   VDS (V) = 30V
   ID = 10A (VGS = 10V)
   RDS(ON) < 23mΩ (VGS = 10V)
   RDS(ON) < 35mΩ (VGS = 4.5V)

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AO4466

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4466 AOSMD-AO4466 Datasheet
127Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
AO4466 AOSMD-AO4466 Datasheet
411Kb / 6P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4466 KEXIN-AO4466 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4466 VBSEMI-AO4466 Datasheet
1,006Kb / 9P
N-Channel 20V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4466 DOINGTER-AO4466 Datasheet
757Kb / 6P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - AO4466

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com