Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD652 Datasheet (PDF) - Analog Devices

AD652 Datasheet PDF - Analog Devices
Part # AD652
Download  AD652 Download
File Size   786.39 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Monolithic Synchronous Voltage-to-Frequency Converter

AD652 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD652 Datasheet PDF - Analog Devices

Part # AD652
Download  AD652 Click to download

File Size   786.39 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Monolithic Synchronous Voltage-to-Frequency Converter

AD652 Datasheet (HTML) - Analog Devices


AD652 Product details

PRODUCT DESCRIPTION
The AD652 synchronous voltage-to-frequency converter (SVFC) is a powerful building block for precision analog-to digital conversion, offering typical nonlinearity of 0.002% (0.005% maximum) at a 100 kHz output frequency. The inher ent monotonicity of the transfer function and wide range of clock frequencies allow the conversion time and resolution to be optimized for specific applications.

FEATURES
  Full-scale frequency (up to 2 MHz) set by external system clock
  Extremely low linearity error (0.005% max at 1 MHz FS, 0.02% max at 2 MHz FS)
  No critical external components required
  Accurate 5 V reference voltage
  Low drift (25 ppm/°C max)
  Dual- or single-supply operation
  Voltage or current input
  MIL-STD-883 compliant versions available




Similar Part No. - AD652

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD652 AD-AD652 Datasheet
950Kb / 16P
Monolithic Synchronous Voltage-to-Frequency Converter
AD652 AD-AD652 Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652 AD-AD652 Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652 AD-AD652 Datasheet
631Kb / 29P
Monolithic Synchronous Voltage-to-Frequency Converter
23-Feb-2017
AD6526 AD-AD6526 Datasheet
86Kb / 1P
GSM/GPRS Digital Baseband Processor
More results


Similar Description - AD652

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD652 AD-AD652 Datasheet
950Kb / 16P
Monolithic Synchronous Voltage-to-Frequency Converter
AD652KPZ AD-AD652KPZ Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652KPZ-REEL AD-AD652KPZ-REEL Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652KPZ-REEL AD-AD652KPZ-REEL Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652JPZ-REEL AD-AD652JPZ-REEL Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652 AD-AD652_15 Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD654 AD-AD654_15 Datasheet
359Kb / 12P
Low Cost Monolithic Voltage-to-Frequency Converter
REV. C
AD652 AD-AD652_17 Datasheet
631Kb / 29P
Monolithic Synchronous Voltage-to-Frequency Converter
23-Feb-2017
AD654 AD-AD654_17 Datasheet
410Kb / 13P
Low Cost Monolithic Voltage-to-Frequency Converter
23-Feb-2017
AD651 AD-AD651 Datasheet
1Mb / 16P
Monolithic Synchronous Voltage-to-Frequency Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com