Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD783 Datasheet (PDF) - Analog Devices

AD783 Datasheet PDF - Analog Devices
Part # AD783
Download  AD783 Download
File Size   610.39 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete Very High Speed Sample-and-Hold Amplifier

AD783 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD783 Datasheet PDF - Analog Devices

Part # AD783
Download  AD783 Click to download

File Size   610.39 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete Very High Speed Sample-and-Hold Amplifier

AD783 Datasheet (HTML) - Analog Devices


AD783 Product details

PRODUCT DESCRIPTION
The AD783 is a high pseed, monolithic sample-and-hold amplifier (SHA). The AD783 offers a typical acquisition time 250 ns to 0.01%. The AD783 is specified and tested for hold mode total harmonic distortion with input frequencies up to 100 kHz. The AD783 is configured as a unity gain amplifier and uses a patented self-correcting architecture that minimizes hold mode error and ensures accuracy over temperature. The AD783 is self-contained and requires no external components or adjustments.

FEATURES
    Acquisition Time to 0.01%: 250 ns Typical
    Low Power Dissipation:95 mW
    Low Droop Rate: 0.02 μV/μs
    Fully Specified and Tested Hold Mode Distortion
    Total Harmonic Distortion: -85 dB
    Aperture Jitter: 50 ps Maximun
    Internal Hold Capacitor
    Self-Correcting Architecture
    8-Pin Mini Cerdip and SOIC Packages




Similar Part No. - AD783

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD783 AD-AD783 Datasheet
131Kb / 8P
Complete Very High Speed Sample-and-Hold Amplifier
REV.A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
LC2MOS Quad 14-Bit DAC
REV.A
AD7834AN AD-AD7834AN Datasheet
404Kb / 16P
LC2MOS Quad 14-Bit DAC
REV.A
AD7834AR AD-AD7834AR Datasheet
404Kb / 16P
LC2MOS Quad 14-Bit DAC
REV.A
AD7834BN AD-AD7834BN Datasheet
404Kb / 16P
LC2MOS Quad 14-Bit DAC
REV.A
More results


Similar Description - AD783

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD585 AD-AD585 Datasheet
339Kb / 6P
High Speed, Precision Sample-and-Hold Amplifier
AD783 AD-AD783 Datasheet
131Kb / 8P
Complete Very High Speed Sample-and-Hold Amplifier
REV.A
logo
National Semiconductor ...
LH0053 NSC-LH0053 Datasheet
184Kb / 6P
HIGH SPEED SAMPLE AND HOLD AMPLIFIER
logo
NXP Semiconductors
TDA1535B PHILIPS-TDA1535B Datasheet
237Kb / 6P
HIGH-SPEED SINGLE SAMPLE-AND-HOLD AMPLIFIER
March 1991
logo
Analog Devices
AD346 AD-AD346 Datasheet
119Kb / 3P
High Speed Sample-and-Hold Amplifier
AD781JNZ AD-AD781JNZ Datasheet
675Kb / 8P
Complete 700 ns Sample-and-hold amplifier
REV. A
AD346 AD-AD346_15 Datasheet
1Mb / 4P
HIGH SPEED SAMPLE AND HOLD AMPLIFIER
REV. A
AD781 AD-AD781_15 Datasheet
675Kb / 8P
Complete 700 ns Sample and Hold Amplifier
REV. A
AD783 AD-AD783_15 Datasheet
703Kb / 9P
Complete Very High Speed Sample and Hold Amplifier
REV. B
AD585 AD-AD585_17 Datasheet
526Kb / 6P
High speed, Precision Sample-and-hold Amplifier
02/23/2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com