Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD585 Datasheet (PDF) - Analog Devices

AD585 Datasheet PDF - Analog Devices
Part # AD585
Download  AD585 Download
File Size   339.52 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Precision Sample-and-Hold Amplifier

AD585 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD585 Datasheet PDF - Analog Devices

Part # AD585
Download  AD585 Click to download

File Size   339.52 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Precision Sample-and-Hold Amplifier

AD585 Datasheet (HTML) - Analog Devices


AD585 Product details

PRODUCT DESCRIPTION

The AD585 is a complete monolithic sample-and-hold circuit consisting of a high performance operational amplifier in series with an ultralow leakage analog switch and a FET input inte grating amplifier. An internal holding capacitor and matched applications resistors have been provided for high precision and applications flexibility.

The performance of the AD585 makes it ideal for high speed 10- and 12-bit data acquisition systems, where fast acquisition time, low sample-to-hold offset, and low droop are critical. The AD585 can acquire a signal to ±0.01% in 3 µs maximum, and then hold that signal with a maximum sample-to-hold offset of 3 mV and less than 1 mV/ms droop, using the on-chip hold capacitor. If lower droop is required, it is possible to add a larger external hold capacitor.



FEATURES

  3.0 ms Acquisition Time to 60.01% max

  Low Droop Rate: 1.0 mV/ms max

  Sample/Hold Offset Step: 3 mV max

  Aperture Jitter: 0.5 ns

  Extended Temperature Range: –558C to +1258C

  Internal Hold Capacitor

  Internal Application Resistors

  612 V or 615 V Operation

  Available in Surface Mount



APPLICATIONS

  Data Acquisition Systems

  Data Distribution Systems

  Analog Delay & Storage

  Peak Amplitude Measurements

  MIL-STD-883 Compliant Versions Available



 




Similar Part No. - AD585

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD585 AD-AD585 Datasheet
526Kb / 6P
High speed, Precision Sample-and-hold Amplifier
02/23/2017
AD585JP-REEL AD-AD585JP-REEL Datasheet
342Kb / 6P
High Speed, Precision Sample-and-Hold Amplifier
REV. A
AD585 AD-AD585_15 Datasheet
342Kb / 6P
High Speed, Precision Sample-and-Hold Amplifier
REV. A
AD585 AD-AD585_17 Datasheet
526Kb / 6P
High speed, Precision Sample-and-hold Amplifier
02/23/2017
More results


Similar Description - AD585

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5320 INTERSIL-HA5320 Datasheet
90Kb / 12P
High Speed Precision Sample and Hold Amplifier
July 1994
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA-5320883 INTERSIL-HA-5320883 Datasheet
309Kb / 11P
High Speed Precision Sample and Hold Amplifier
April 2002
logo
Analog Devices
AD346 AD-AD346 Datasheet
119Kb / 3P
High Speed Sample-and-Hold Amplifier
AD585JP-REEL AD-AD585JP-REEL Datasheet
342Kb / 6P
High Speed, Precision Sample-and-Hold Amplifier
REV. A
AD346 AD-AD346_15 Datasheet
1Mb / 4P
HIGH SPEED SAMPLE AND HOLD AMPLIFIER
REV. A
AD585 AD-AD585_15 Datasheet
342Kb / 6P
High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Analog Devices
AD585 AD-AD585_17 Datasheet
526Kb / 6P
High speed, Precision Sample-and-hold Amplifier
02/23/2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com