Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA5320 Datasheet (PDF) - Intersil Corporation

HA5320 Datasheet PDF - Intersil Corporation
Part # HA5320
Download  HA5320 Download
File Size   90.65 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Speed Precision Sample and Hold Amplifier

HA5320 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA5320 Datasheet PDF - Intersil Corporation

Part # HA5320
Download  HA5320 Click to download

File Size   90.65 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Speed Precision Sample and Hold Amplifier

HA5320 Datasheet (HTML) - Intersil Corporation


HA5320 Product details

Description
The HA-5320/883 was designed for use in precision, high speed
data acquisition systems.
The circuit consists of an input transconductance amplifier
capable of providing large amounts of charging current, a low
leakage analog switch, and an output integrating amplifier. The
analog switch sees virtual ground as its load; therefore, charge
injection on the hold capacitor is constant over the entire input/
output voltage range. The pedestal voltage resulting from this
charge injection can be adjusted to zero by use of the offset
adjust inputs. The device includes a hold capacitor. However, if
improved droop rate is required at the expense of acquisition
time, additional hold capacitance may be added externally.
This monolithic device is manufactured using the Intersil
Dielectric Isolation Process, minimizing stray capacitance and
eliminating SCR’s. This allows higher speed and latch-free
operation. For further information, please see Application Note
AN538.

Features
• This Circuit is Processed in Accordance to MIL-STD883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Gain, DC . . . . . . . . . . . . . . . . . . . . . . . . 2 x 106 V/V (Typ)
• Acquisition Time . . . . . . . . . . . . . . . 1.0µs (0.01%) (Typ)
• Droop Rate . . . . . . . . . . . . . . . . 0.08µV/µs (+25oC) (Typ)
17µV/µs (Full Temperature) (Typ)
• Aperture Time. . . . . . . . . . . . . . . . . . . . . . . . . 25ns (Typ)
• Hold Step Error . . . . . . . . . . . . . . . . . . . . . . 1.0mV (Typ)
• Internal Hold Capacitor
• Fully Differential Input
• TTL Compatible

Applications
• High Bandwidth Precision Data Acquisition Systems
• Inertial Navigation and Guidance Systems
• Ultrasonics
• SONAR / RADAR
• Digital to Analog Converter Deglitcher




Similar Part No. - HA5320

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5340 INTERSIL-HA5340 Datasheet
347Kb / 12P
High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
June 1994
HA5340/883 INTERSIL-HA5340/883 Datasheet
347Kb / 12P
High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
June 1994
HA5340883 INTERSIL-HA5340883 Datasheet
347Kb / 12P
High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
June 1994
HA5351 INTERSIL-HA5351 Datasheet
95Kb / 8P
64ns Sample and Hold Amplifier
May 1999
HA5351 INTERSIL-HA5351 Datasheet
176Kb / 7P
64ns Sample and Hold Amplifier
April 12, 2007
More results


Similar Description - HA5320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD585 AD-AD585 Datasheet
339Kb / 6P
High Speed, Precision Sample-and-Hold Amplifier
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA-5320883 INTERSIL-HA-5320883 Datasheet
309Kb / 11P
High Speed Precision Sample and Hold Amplifier
April 2002
logo
Analog Devices
AD346 AD-AD346 Datasheet
119Kb / 3P
High Speed Sample-and-Hold Amplifier
AD585JP-REEL AD-AD585JP-REEL Datasheet
342Kb / 6P
High Speed, Precision Sample-and-Hold Amplifier
REV. A
AD346 AD-AD346_15 Datasheet
1Mb / 4P
HIGH SPEED SAMPLE AND HOLD AMPLIFIER
REV. A
AD585 AD-AD585_15 Datasheet
342Kb / 6P
High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Analog Devices
AD585 AD-AD585_17 Datasheet
526Kb / 6P
High speed, Precision Sample-and-hold Amplifier
02/23/2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com