Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD585 Datasheet(PDF) 2 Page - Analog Devices

Part # AD585
Description  High Speed, Precision Sample-and-Hold Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD585 Datasheet(HTML) 2 Page - Analog Devices

  AD585 Datasheet HTML 1Page - Analog Devices AD585 Datasheet HTML 2Page - Analog Devices AD585 Datasheet HTML 3Page - Analog Devices AD585 Datasheet HTML 4Page - Analog Devices AD585 Datasheet HTML 5Page - Analog Devices AD585 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AD585–SPECIFICATIONS
Model
AD585J
AD585A
AD585S
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
SAMPLE/HOLD CHARACTERISTICS
Acquisition Time, 10 V Step to 0.01%
333
µs
20 V Step to 0.01%
5
5
5
µs
Aperture Time, 20 V p-p Input,
HOLD
0 V
353535
ns
Aperture Jitter, 20 V p-p Input,
HOLD
0 V
0.5
0.5
0.5
ns
Settling Time, 20 V p-p Input,
HOLD
0 V, to 0.01%
0.5
0.5
0.5
µs
Droop Rate
111
mV/ms
Droop Rate TMIN to TMAX
Doubles Every 10
°C
Double Every 10
°C
Doubles Every 10
°C
Charge Transfer
0.3
0.3
0.3
pC
Sample-to-Hold Offset
–3
3
–3
3
–3
3
mV
Feedthrough
20 V p-p, 10 kHz Input
0.5
0.5
0.5
mV
TRANSFER CHARACTERISTICS
1
Open Loop Gain
VOUT = 20 V p-p, RL = 2k
200,000
200,000
200,000
V/V
Application Resistor Mismatch
0.3
0.3
0.3
%
Common-Mode Rejection
VCM = ± 10 V
80
80
80
dB
Small Signal Gain Bandwidth
VOUT = 100 mV p-p
2.0
2.0
2.0
MHz
Full Power Bandwidth
VOUT = 20 V p-p
160
160
160
kHz
Slew Rate
VOUT = 20 V p-p
10
10
10
V/
µs
Output Resistance (Sample Mode)
IOUT = ± 10 mA
0.05
0.05
0.05
Ω
Output Short Circuit Current
50
50
50
mA
Output Short Circuit Duration
Indefinite
Indefinite
Indefinite
ANALOG INPUT CHARACTERISTICS
Offset Voltage
522
mV
Offset Voltage, TMIN to TMAX
63
3
mV
Bias Current
222
nA
Bias Current, TMIN to TMAX
55
20
50
2
nA
Input Capacitance, f = 1 MHz
10
10
10
pF
Input Resistance, Sample or Hold
20 V p-p Input, A = +1
10
12
10
12
10
12
Ω
DIGITAL INPUT CHARACTERISTICS
TTL Reference Output
1.2
1.4
1.6
1.2
1.4
1.6
1.2
1.4
1.6
V
Logic Input High Voltage
TMIN to TMAX
2.0
2.0
2.0
V
Logic Input Low Voltage
TMIN to TMAX
0.8
0.8
0.7
V
Logic Input Current (Either Input)
50
50
50
µA
POWER SUPPLY CHARACTERISTICS
Operating Voltage Range
+5, –10.8
± 18
+5, –10.8
± 18
+5, –10.8
± 18
V
Supply Current, RL = ∞
610
6
10
610
mA
Power Supply Rejection, Sample Mode
70
70
70
dB
TEMPERATURE RANGE
Specified Performance
0
+70
–25
+85
–55
+125
°C
PACKAGE OPTIONS
3, 4
Cerdip (Q-14)
AD585AQ
AD585SQ
LCC (E-20A)
AD585SE
PLCC (P-20A)
AD585JP
(typical @ +25 C and VS =
12 V or
15 V, and CH = Internal, A = +1,
HOLD
active unless otherwise noted)
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical
test. Results from those tests are used to calculate outgoing quality levels.
All min and max specifications are
guaranteed, although only those shown in
boldface
are tested on all production units.
NOTES
1Maximum input signal is the minimum supply minus a headroom voltage of 2.5 V.
2Not tested at –55
°C.
3E = Leadless Ceramic Chip Carrier; P = Plastic Leaded Chip Carrier; Q = Cerdip.
4For AD585/883B specifications, refer to Analog Devices Military Products Databook.
REV. A
–2–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com