Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP37 Datasheet (PDF) - Analog Devices

OP37 Datasheet PDF - Analog Devices
Part # OP37
Download  OP37 Download
File Size   490.97 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Precision, High Speed tional Amplifier

OP37 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP37 Datasheet PDF - Analog Devices

Part # OP37
Download  OP37 Click to download

File Size   490.97 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Precision, High Speed tional Amplifier

OP37 Datasheet (HTML) - Analog Devices


OP37 Product details

GENERAL DESCRIPTION
The OP37 provides the same high performance as the OP27, but the design is optimized for circuits with gains greater than five. This design change increases slew rate to 17 V/ms and gain-bandwidth product to 63 MHz.
   
FEATURES
    Low Noise, 80 nV p-p (0.1 Hz to 10 Hz)
        3 nV/√Hz @ 1 kHz
    Low Drift, 0.2 μV/°C
    High Speed, 17 V/μs Slew Rate
        63 MHz Gain Bandwidth
    Low Input Offset Voltage, 10 μV
    Excellent CMRR, 126 dB (Common-Voltage @ 11 V)
    High Open-Loop Gain, 1.8 Million
    Replaces 725, OP-07, SE5534 In Gains > 5
    Available in Die Form
   




Similar Part No. - OP37

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP37 AD-OP37 Datasheet
389Kb / 16P
Low Noise, Precision, High Speed Operational Amplifier
OP37 AD-OP37 Datasheet
1Mb / 36P
30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
Rev. I
logo
Texas Instruments
OP37A TI-OP37A Datasheet
322Kb / 21P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP37AFK TI-OP37AFK Datasheet
322Kb / 21P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
OP37AJ MAXIM-OP37AJ Datasheet
446Kb / 12P
Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
More results


Similar Description - OP37

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP37 AD-OP37 Datasheet
389Kb / 16P
Low Noise, Precision, High Speed Operational Amplifier
logo
Texas Instruments
TLE2141-EP TI-TLE2141-EP Datasheet
1Mb / 22P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027-EP TI1-TLE2027-EP Datasheet
795Kb / 28P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI1-TLE2142-Q1 Datasheet
473Kb / 23P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
logo
Analog Devices
OP37 AD-OP37_15 Datasheet
566Kb / 16P
Low Noise, Precision, High Speed Operational Amplifier
REV. B
logo
Texas Instruments
TLE2144-EP TI-TLE2144-EP_15 Datasheet
737Kb / 33P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI-TLE2142-Q1_15 Datasheet
465Kb / 25P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
logo
Asahi Kasei Microsystem...
AK2975H AKM-AK2975H Datasheet
1Mb / 17P
Precision High Speed Low Noise Operational Amplifier
logo
Texas Instruments
TLE2141-EP TI1-TLE2141-EP_12 Datasheet
821Kb / 33P
Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
logo
Asahi Kasei Microsystem...
AK2975 AKM-AK2975 Datasheet
1Mb / 17P
Precision High Speed Low Noise Operational Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com