Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP37 Datasheet(PDF) 1 Page - Analog Devices

Part # OP37
Description  Low Noise, Precision, High Speed tional Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP37 Datasheet(HTML) 1 Page - Analog Devices

  OP37 Datasheet HTML 1Page - Analog Devices OP37 Datasheet HTML 2Page - Analog Devices OP37 Datasheet HTML 3Page - Analog Devices OP37 Datasheet HTML 4Page - Analog Devices OP37 Datasheet HTML 5Page - Analog Devices OP37 Datasheet HTML 6Page - Analog Devices OP37 Datasheet HTML 7Page - Analog Devices OP37 Datasheet HTML 8Page - Analog Devices OP37 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP37
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Low Noise, Precision, High Speed
Operational Amplifier (A VCL > 5)
SIMPLIFIED SCHEMATIC
V–
V+
Q2B
R2*
Q3
Q2A
Q1A
Q1B
R4
R1*
R3
18
VOS ADJ.
R1 AND R2 ARE PERMANENTLY
ADJUSTED AT WAFER TEST FOR
MINIMUM OFFSET VOLTAGE.
*
NON-INVERTING
INPUT (+)
INVERTING
INPUT (–)
Q6
Q21
C2
R23
R24
Q23
Q24
Q22
R5
Q11
Q12
Q27
Q28
C1
R9
R12
C3
C4
Q26
Q20
Q19
Q46
Q45
OUTPUT
FEATURES
Low Noise, 80 nV p-p (0.1 Hz to 10 Hz)
3 nV/
÷Hz @ 1 kHz
Low Drift, 0.2
V/ C
High Speed, 17 V/ s Slew Rate
63 MHz Gain Bandwidth
Low Input Offset Voltage, 10
V
Excellent CMRR, 126 dB (Common-Voltage @ 11 V)
High Open-Loop Gain, 1.8 Million
Replaces 725, OP-07, SE5534 In Gains > 5
Available in Die Form
GENERAL DESCRIPTION
The OP37 provides the same high performance as the OP27,
but the design is optimized for circuits with gains greater than
five. This design change increases slew rate to 17 V/
ms and
gain-bandwidth product to 63 MHz.
The OP37 provides the low offset and drift of the OP07
plus higher speed and lower noise. Offsets down to 25
mV and
a maximum drift of 0.6
mV/∞C make the OP37 ideal for preci-
sion instrumentation applications. Exceptionally low noise
(en= 3.5 nV/ @ 10 Hz), a low 1/f noise corner frequency of
2.7 Hz, and the high gain of 1.8 million, allow accurate
high-gain amplification of low-level signals.
The low input bias current of 10 nA and offset current of 7 nA
are achieved by using a bias-current cancellation circuit. Over
the military temperature range this typically holds IB and IOS
to 20 nA and 15 nA respectively.
PIN CONNECTIONS
8-Lead Hermetic DIP
(Z Suffix)
Epoxy Mini-DIP
(P Suffix)
8-Lead SO
(S Suffix)
8
7
6
5
1
2
3
4
NC = NO CONNECT
VOS TRIM
–IN
+IN
VOS TRIM
V+
OUT
NC
V–
OP37
The output stage has good load driving capability. A guaranteed
swing of 10 V into 600
W and low output distortion make the
OP37 an excellent choice for professional audio applications.
PSRR and CMRR exceed 120 dB. These characteristics, coupled
with long-term drift of 0.2
mV/month, allow the circuit designer
to achieve performance levels previously attained only by
discrete designs.
Low-cost, high-volume production of the OP37 is achieved by
using on-chip zener-zap trimming. This reliable and stable offset
trimming scheme has proved its effectiveness over many years of
production history.
The OP37 brings low-noise instrumentation-type performance to
such diverse applications as microphone, tapehead, and RIAA
phono preamplifiers, high-speed signal conditioning for data
acquisition systems, and wide-bandwidth instrumentation.


Similar Part No. - OP37

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP37 AD-OP37 Datasheet
389Kb / 16P
Low Noise, Precision, High Speed Operational Amplifier
OP37 AD-OP37 Datasheet
1Mb / 36P
30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
Rev. I
logo
Texas Instruments
OP37A TI-OP37A Datasheet
322Kb / 21P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP37AFK TI-OP37AFK Datasheet
322Kb / 21P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
OP37AJ MAXIM-OP37AJ Datasheet
446Kb / 12P
Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
More results

Similar Description - OP37

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP37 AD-OP37 Datasheet
389Kb / 16P
Low Noise, Precision, High Speed Operational Amplifier
logo
Texas Instruments
TLE2141-EP TI-TLE2141-EP Datasheet
1Mb / 22P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027-EP TI1-TLE2027-EP Datasheet
795Kb / 28P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI1-TLE2142-Q1 Datasheet
473Kb / 23P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
logo
Analog Devices
OP37 AD-OP37_15 Datasheet
566Kb / 16P
Low Noise, Precision, High Speed Operational Amplifier
REV. B
logo
Texas Instruments
TLE2144-EP TI-TLE2144-EP_15 Datasheet
737Kb / 33P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI-TLE2142-Q1_15 Datasheet
465Kb / 25P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
logo
Asahi Kasei Microsystem...
AK2975H AKM-AK2975H Datasheet
1Mb / 17P
Precision High Speed Low Noise Operational Amplifier
logo
Texas Instruments
TLE2141-EP TI1-TLE2141-EP_12 Datasheet
821Kb / 33P
Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
logo
Asahi Kasei Microsystem...
AK2975 AKM-AK2975 Datasheet
1Mb / 17P
Precision High Speed Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com