Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS58 Datasheet (PDF) - Formosa MS

SS58 Datasheet PDF - Formosa MS
Part # SS58
Download  SS58 Download
File Size   120.03 Kbytes
Page   2 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS58 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS58 Datasheet PDF - Formosa MS

Part # SS58
Download  SS58 Click to download

File Size   120.03 Kbytes
Page   2 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS58 Datasheet (HTML) - Formosa MS


SS58 Product details

Reverse Voltage - 20 to 100 Volts Forward Current - 5.0 Amperes



FEATURES

♦ The plastic package carries Underwriters Laboratory

   Flammability Classification 94V-0

♦ For surface mounted applications

♦ Low reverse leakage

♦ Built-in strain relief,ideal for automated placement

♦ High forward surge current capability

♦ High temperature soldering guaranteed: 250°C/10 seconds at terminals



 




Similar Part No. - SS58

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SS58 JINANJINGHENG-SS58 Datasheet
79Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
SS58 FRONTIER-SS58 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS58 LUGUANG-SS58 Datasheet
257Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SS58 LUGUANG-SS58 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SS58 TAYCHIPST-SS58 Datasheet
9Mb / 2P
SURFACE MOUNT S CHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SS58

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com