Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS58 Datasheet(PDF) 2 Page - Formosa MS

Part # SS58
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SS58 Datasheet(HTML) 2 Page - Formosa MS

  SS58 Datasheet HTML 1Page - Formosa MS SS58 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0123
456148910192 03
623
99 0 66620 66





























 















 6 8 0123
!4
"#$%
&3
5%'(
2)3
91 201463
422 0*1 3
* 8149
&3
5%+(
2)3
91 3
46214214 ! 6&!0,108
910192 03
623
96
4 *- 0!&9)9 612'.
&3
5%(
*1/3
* *4!4(
0  23
23
 10&!0,108
6 05 9 00 42
&3
5%1(&!0,1089 00 428 0123
459 0
3
46214214 ! 6&!0,108! 15 
! 26
34
567
89:;<8
=;7
>?;@8=A
B8<4
<C
4
@8DE
4
5FGHC
4
@8ID;F




J<3K
LMIN=OIP3K
LNQ
?ORN
S
TNUNVW8C
:DFX







YTZV
9[I3N?K
UY=Z\<
]U[Y^V^VIN






_








YTZV
YTZV
 09 42!& 100 06 ! 215 
`
&3
5%a(
2)3
91 0 06 910192 03
623
96
1*-3
422 * 012 0 9
33Q
33
33Q
33
33Q
33
33Q
33
33Q
33
YTZV






0 06 ! 215 
! 26
&3
5%(
2)3
91 c 4923
!491193
2149
YTZV




33Q
33
33Q
33
efghijkmnfopejqnpprstiggu
kggkjpu
hu
kg
vwxywz{}~
€‚„
†‡ˆ‰Š‚‹Œ
†

ŽŽ‰‚†€Œ
‚
‚‘’
Ž‚†€Œ
‚ ‚‘’
Ž’
‡‹
€‚“
”Œ
Œ
•–
—
—
˜˜˜“
™
‡šŠ‡Ž€ŠŽ“
ˆ‡Š—
›œ–
žžŸ „ „„Ÿ¡ŸŸŸ¢
£¤¥–
žžŸ „ „„Ÿ¡Ÿ¢¦¢
†§ „„„Ÿ¦¨
„©©ž—
©„—
¢©
„©¢©—
©ª—
¢©
«
„
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com