Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT1512 Datasheet (PDF) - List of Unclassifed Manufacturers

THAT1512 Datasheet PDF - List of Unclassifed Manufacturers
Part # THAT1512
Download  THAT1512 Download
File Size   122.67 Kbytes
Page   8 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Low-Noise, High Performance Audio Preamplifier IC

THAT1512 Datasheet (PDF)

Go To PDF Page Download Datasheet
THAT1512 Datasheet PDF - List of Unclassifed Manufacturers

Part # THAT1512
Download  THAT1512 Click to download

File Size   122.67 Kbytes
Page   8 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Low-Noise, High Performance Audio Preamplifier IC

THAT1512 Datasheet (HTML) - List of Unclassifed Manufacturers


THAT1512 Product details

[THAT Corporation]



Description

The THAT 1510 and 1512 are high performance audio preamplifiers suitable for microphone preamp and bus summing applications. The ICs are available in a variety of packages and pin configurations, making them pin compatible with the Analog Devices SSM2019 and SSM2017 (discontinued), and the Texas Instruments INA217 and INA163.



FEATURES

• Low Noise:

   1 nV/√Hz input noise (60dB gain)

   34 nV/√Hz input noise (0dB gain) (1512)

• Low THD+N (full audio bandwidth):

   0.001% ≤ 40 dB gain

   0.005% @ 60 dB gain

• Low Current: 6mA typ.

• Wide Bandwidth: 7MHz @ G=100

• High Slew Rate: 19 V/μs

• Wide Output Swing: ±13.3V on ±15V supplies

• Gain adjustable from 0 to >60 dB with one external resistor

• Industry Standard Pinouts



APPLICATIONS

• Differential Low Noise Preamplifiers

• Differential Summing Amplifiers

• Differential Variable Gain Amplifiers

• Microphone Preamplifiers

• Moving-Coil Transducer Amplifiers

• Line Input Stages

• Audio

• Sonar

• Instrumentation



 




Similar Part No. - THAT1512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT1512 ETC-THAT1512 Datasheet
129Kb / 6P
Low Noise, High Performance Microphone Preamplifier IC
More results


Similar Description - THAT1512

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1228 NEC-UPC1228 Datasheet
1Mb / 10P
LOW NOISE DUAL PREAMPLIFIER
logo
National Semiconductor ...
CLC5509 NSC-CLC5509 Datasheet
445Kb / 11P
Ultra-Low Noise Preamplifier
logo
STMicroelectronics
TDA7334 STMICROELECTRONICS-TDA7334 Datasheet
160Kb / 11P
LOW NOISE STEREO PREAMPLIFIER
Nov-1999
logo
List of Unclassifed Man...
THAT1510 ETC-THAT1510 Datasheet
129Kb / 6P
Low Noise, High Performance Microphone Preamplifier IC
logo
Hitachi Semiconductor
HA12017 HITACHI-HA12017 Datasheet
494Kb / 6P
LOW NOISE PREAMPLIFIER
logo
List of Unclassifed Man...
QA605 ETC-QA605 Datasheet
58Kb / 2P
Low Noise Preamplifier
logo
STMicroelectronics
TDA7232 STMICROELECTRONICS-TDA7232 Datasheet
567Kb / 12P
LOW NOISE PREAMPLIFIER COMPRESSOR
logo
List of Unclassifed Man...
NE542 ETC1-NE542 Datasheet
267Kb / 4P
DUAL LOW - NOISE PREAMPLIFIER
ECG1085 ETC1-ECG1085 Datasheet
155Kb / 3P
LO-NOISE AUDIO PREAMPLIFIER
logo
National Semiconductor ...
LM382 NSC-LM382 Datasheet
163Kb / 3P
Low Noise Dual Preamplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com