Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT1510 Datasheet (PDF) - List of Unclassifed Manufacturers

THAT1510 Datasheet PDF - List of Unclassifed Manufacturers
Part # THAT1510
Download  THAT1510 Download
File Size   129.32 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low Noise, High Performance Microphone Preamplifier IC

THAT1510 Datasheet (PDF)

Go To PDF Page Download Datasheet
THAT1510 Datasheet PDF - List of Unclassifed Manufacturers

Part # THAT1510
Download  THAT1510 Click to download

File Size   129.32 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low Noise, High Performance Microphone Preamplifier IC

THAT1510 Datasheet (HTML) - List of Unclassifed Manufacturers


THAT1510 Product details

[THAT-Corporation]

Description
The THAT 1510 and 1512 are high performance audio preamplifiers suitable for microphone preamp and bus summing applications. The ICs are pin compatible with the Analog Devices SSM2017 in both the 8-pin DIP and 16-pin SOIC packages.

FEATURES
 • Excellent noise performance through the entire gain range
 • Exceptionally low THD+N over the full audio bandwidth
 • Low power consumption: 7mA typ.
 • Wide bandwidth: 3MHz typ. @ G=1000 (THAT 1510)
 • High Slew Rate: 28 V/s @ G=10 and C L=50pF (THAT 1510)
 • Wide Output Swing: ±13V typ. on ±15V supplies
 • Gain adjustable from 1 to >1000 with a single external resistor
 • Drop-in compatible with SSM-2017 (THAT 1510)

APPLICATIONS
 • Mixing Consoles
 • Public Address Systems
 • Analog and Digital Snakes
 • Breakout Boxes for Digital Systems
 • Sonar
 • Paging and Intercom systems
 • Instrumentation




Similar Part No. - THAT1510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT1510 ETC2-THAT1510 Datasheet
122Kb / 8P
Low-Noise, High Performance Audio Preamplifier IC
More results


Similar Description - THAT1510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2167 AD-SSM2167 Datasheet
121Kb / 8P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
logo
Hitachi Semiconductor
HA12017 HITACHI-HA12017 Datasheet
494Kb / 6P
LOW NOISE PREAMPLIFIER
logo
List of Unclassifed Man...
QA605 ETC-QA605 Datasheet
58Kb / 2P
Low Noise Preamplifier
logo
Analog Devices
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
LOW NOISE MICROPHONE PREAMPLIFIER
logo
rfsolutions.ltd
SP2 RFSOLUTIONS-SP2 Datasheet
706Kb / 2P
Low noise balanced input microphone preamplifier
logo
List of Unclassifed Man...
THAT1512S08-U ETC2-THAT1512S08-U Datasheet
122Kb / 8P
Low-Noise, High Performance Audio Preamplifier IC
logo
Analog Devices
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
logo
STMicroelectronics
AN2240 STMICROELECTRONICS-AN2240 Datasheet
253Kb / 9P
low noise microphone preamplifier with 2 V bias
26-Aug-2009
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
Microphone Preamplifier
10/2016-Rev. E to Rev. F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com