Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet (PDF) - List of Unclassifed Manufacturers

AT45DB321E Datasheet PDF - List of Unclassifed Manufacturers
Part # AT45DB321E
Download  AT45DB321E Download
File Size   2917.71 Kbytes
Page   72 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory

AT45DB321E Datasheet (PDF)

Go To PDF Page Download Datasheet
AT45DB321E Datasheet PDF - List of Unclassifed Manufacturers

Part # AT45DB321E
Download  AT45DB321E Click to download

File Size   2917.71 Kbytes
Page   72 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory

AT45DB321E Datasheet (HTML) - List of Unclassifed Manufacturers


AT45DB321E Product details

[Adesto Technologies]



Description

The Adesto® AT45DB321E is a 2.3V minimum, serial-interface sequential access Flash memory ideally suited for a wide variety of digital voice, image, program code, and data storage applications. The AT45DB321E also supports the RapidS serial interface for applications requiring very high speed operation. Its 34,603,008 bits of memory are organized as 8,192 pages of 512 bytes or 528 bytes each. In addition to the main memory, the AT45DB321E also contains two SRAM buffers of 512/528 bytes each.



Features

 Single 2.3V - 3.6V supply

 Serial Peripheral Interface (SPI) compatible

   Supports SPI modes 0 and 3

   Supports RapidS™ operation

 Continuous read capability through entire array

   Up to 85MHz

   Low-power read option up to 15MHz

   Clock-to-output time (tV) of 6ns maximum

 User configurable page size

   512 bytes per page

   528 bytes per page (default)

   Page size can be factory pre-configured for 512 bytes

 Two fully independent SRAM data buffers (512/528 bytes)

 Flexible programming options

   Byte/Page Program (1 to 512/528 bytes) directly into main memory

   Buffer Write

   Buffer to Main Memory Page Program

 Flexible erase options

   Page Erase (512/528 bytes)

   Block Erase (4KB)

   Sector Erase (64KB)

   Chip Erase (32-Mbits)

 Program and Erase Suspend/Resume

 Advanced hardware and software data protection features

   Individual sector protection

   Individual sector lockdown to make any sector permanently read-only

 128-byte, One-Time Programmable (OTP) Security Register

   64 bytes factory programmed with a unique identifier

   64 bytes user programmable

 Hardware and software controlled reset options

 JEDEC Standard Manufacturer and Device ID Read

 Low-power dissipation

 400nA Ultra-Deep Power-Down current (typical)

   3μA Deep Power-Down current (typical)

   25μA Standby current (typical)

   11mA Active Read current (typical)

 Endurance: 100,000 program/erase cycles per page minimum

 Data retention: 20 years

 Green (Pb/Halide-free/RoHS compliant) packaging options

   8-lead SOIC (0.208" wide)

   8-pad Ultra-thin DFN (5 x 6 x 0.6mm)

   9-ball Ultra-thin UBGA (6 x 6 x 0.6mm)



 




Similar Part No. - AT45DB321E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB321E ETC2-AT45DB321E Datasheet
2Mb / 73P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB321E DIALOG-AT45DB321E Datasheet
1Mb / 70P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB321E RENESAS-AT45DB321E Datasheet
2Mb / 69P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
2/2022
AT45DB321E RENESAS-AT45DB321E Datasheet
2Mb / 80P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
9/1/23
logo
Dialog Semiconductor
AT45DB321E-DWF DIALOG-AT45DB321E-DWF Datasheet
1Mb / 70P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
More results


Similar Description - AT45DB321E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161E ATMEL-AT45DB161E Datasheet
2Mb / 70P
16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT45DB161E ETC2-AT45DB161E Datasheet
2Mb / 73P
16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
AT45DB321E ETC2-AT45DB321E_13 Datasheet
2Mb / 73P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
AT45DB641E ETC2-AT45DB641E Datasheet
2Mb / 72P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
AT45DQ321 ETC2-AT45DQ321 Datasheet
2Mb / 82P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V or 2.5V Minimum
logo
Dialog Semiconductor
AT45DB321E DIALOG-AT45DB321E Datasheet
1Mb / 70P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
AT45DB641E DIALOG-AT45DB641E Datasheet
1Mb / 72P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB321E RENESAS-AT45DB321E Datasheet
2Mb / 69P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
2/2022
AT45DB641E RENESAS-AT45DB641E Datasheet
2Mb / 69P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
2/2022
AT45DQ321 RENESAS-AT45DQ321 Datasheet
3Mb / 81P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
2/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com